Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSV5HL8131A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSV5HL8131A
Description  8mm Round Violet LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSV5HL8131A Datasheet(HTML) 1 Page - OptoSupply International

  OSV5HL8131A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
8
8m
mm
m R
Ro
ou
un
nd
d V
Viio
olle
ett L
LE
ED
D
OSV5HL8131A
Features
Outline Dimension
High Luminous LEDs
8mm Round Standard Directivity
Long Lifetime Operation (Up to 100,000 hours)
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Counterfeit Detection
NDT Crack Detection
Fluid Leak Detection
Forensic Science/Infection Control
Other Lighting
8.0
2.54
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
1 2
7.8
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Peak Wavelength*
λp
IF=20mA
400
405
410
nm
Luminous Intensity*
Iv
IF=20mA
150
200
-
mcd
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of Peak wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSV5HL8131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV5HL82E1A OPTOSUPPLY-OSV5HL82E1A Datasheet
153Kb / 1P
   8mm Flat Violet LED
OSV5HL83C1A OPTOSUPPLY-OSV5HL83C1A Datasheet
107Kb / 1P
   8mm Concave Violet LED
OSV5HL87A1A OPTOSUPPLY-OSV5HL87A1A Datasheet
154Kb / 1P
   8mm Straw Violet LED
More results

Similar Description - OSV5HL8131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV5HA8131A OPTOSUPPLY-OSV5HA8131A Datasheet
96Kb / 1P
   8mm Round Violet LED
OSV5YL8131A OPTOSUPPLY-OSV5YL8131A Datasheet
103Kb / 1P
   8mm Round Violet LED 8mm Round Standard Directivity High Luminous LEDs
OSV5YL82E1A OPTOSUPPLY-OSV5YL82E1A Datasheet
106Kb / 1P
   8mm Flat Violet LED
OSV5HL87A1A OPTOSUPPLY-OSV5HL87A1A Datasheet
154Kb / 1P
   8mm Straw Violet LED
OSV5YL83C1A OPTOSUPPLY-OSV5YL83C1A Datasheet
107Kb / 1P
   8mm Concave Violet LED
OSV5HL83C1A OPTOSUPPLY-OSV5HL83C1A Datasheet
107Kb / 1P
   8mm Concave Violet LED
OSV5HL82E1A OPTOSUPPLY-OSV5HL82E1A Datasheet
153Kb / 1P
   8mm Flat Violet LED
OSV5YL87A1A OPTOSUPPLY-OSV5YL87A1A_12 Datasheet
111Kb / 1P
   8mm Straw Violet LED
OSV5HA4131A OPTOSUPPLY-OSV5HA4131A Datasheet
99Kb / 1P
   4mm Round Violet LED
OSV5HL4131A OPTOSUPPLY-OSV5HL4131A Datasheet
105Kb / 1P
   4mm Round Violet LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com