Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW573A131U Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW573A131U
Description  Premium Power 10mm Round Pure White LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW573A131U Datasheet(HTML) 1 Page - OptoSupply International

  OSW573A131U Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
Premium Power 10mm Round Pure White
L
LE
ED
D
OSW573A131U
■Features
■Outline Dimension
High Luminous LEDs
10mm Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
■Applications
Backlighting (Illuminated advertising, general
lighting, etc)
Portable (flashlight, bicycle)
Interior and exterior automotive lighting
Other Lighting
Unit:mm
Tolerance:+0.3mm
2.0
5.16
0.7
1.Anode
2.Cathode
12
10
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
324
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
8.7
9.3
10.8
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
20000
25000
-
mcd
x
IF=20mA
-
0.27
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.28
-
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of chromaticity coordinates +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW573A131U

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5735141R OPTOSUPPLY-OSW5735141R Datasheet
136Kb / 1P
   Tpower 5mm Round Pure White LED
OSW573S3C1A OPTOSUPPLY-OSW573S3C1A Datasheet
158Kb / 1P
   3.5x2.8x1.9mm Pure White Power Top SMD LED
More results

Similar Description - OSW573A131U

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5D3A131U OPTOSUPPLY-OSW5D3A131U Datasheet
100Kb / 1P
   Premium Power 10mm Pure White LED
OSG583A131U OPTOSUPPLY-OSG583A131U Datasheet
138Kb / 1P
   Premium Power 10mm Round Pure Green LED
OSW5DAA131A OPTOSUPPLY-OSW5DAA131A Datasheet
96Kb / 1P
   10mm Round Pure White LED
OSW5DKA131A OPTOSUPPLY-OSW5DKA131A Datasheet
137Kb / 1P
   10mm Round Pure White LED
OSW5DLA131A OPTOSUPPLY-OSW5DLA131A Datasheet
96Kb / 1P
   10mm Round Pure White LED
OSM573A131U OPTOSUPPLY-OSM573A131U Datasheet
138Kb / 1P
   Premium Power 10mm Round Warm White LED
OSG5D3A131U OPTOSUPPLY-OSG5D3A131U Datasheet
100Kb / 1P
   Premium Power 10mm Pure Green LED
OSK573A131U OPTOSUPPLY-OSK573A131U Datasheet
138Kb / 1P
   Premium Power 10mm Round Pink LED
OSM5D3A131U OPTOSUPPLY-OSM5D3A131U Datasheet
100Kb / 1P
   Premium Power 10mm Warm White LED
OSY5PAA131A OPTOSUPPLY-OSY5PAA131A_09 Datasheet
157Kb / 1P
   10mm Round Premium Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com