Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSWBK5 Datasheet(PDF) 2 Page - OptoSupply International

Part # OSWBK5
Description  LED Waterproof Light
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWBK5 Datasheet(HTML) 2 Page - OptoSupply International

  OSWBK5 Datasheet HTML 1Page - OptoSupply International OSWBK5 Datasheet HTML 2Page - OptoSupply International OSWBK5 Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Model No.
OSWBXX
REV.
C5
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
OSWBR5
Red
625±5nm
350 mcd
OSWBO5
Orange
605±5nm
350 mcd
OSWBY5
Yellow
590±5nm
350 mcd
OSWBG5
Green
525±5nm
1120 mcd
OSWBB5
Blue
470±5nm
400 mcd
OSWBW5
White
X=0.27 ; Y=0.28
1900 mcd
OSWBM5
Warm White
X=0.45 ; Y=0.41
1250 mcd
OSWBK5
Pink
X=0.45 ; Y=0.17
380 mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
600
mA
Power Dissipation
Pa
8.4
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
4.8
8.4
w
Input Voltage(DC)
Vi
-
12
14
V
Product Input Current
If
-
400
600
mA
Beam Pattern
BP
-
120
-
Deg
Total Length of Modules
(Including Pin)
Lmod.
-
1000
-
mm
LED Quantity of Every Meter
OTY
-
60
-
PCS
Net Weight
Wei.
---
60
---
g
LED & Application Technologies


Similar Part No. - OSWBK5

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWBA0F30GH-TFMBS4C1A-X OPTOSUPPLY-OSWBA0F30GH-TFMBS4C1A-X Datasheet
98Kb / 3P
   RGB waterproof Light
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
   LED Waterproof Light, IP68
More results

Similar Description - OSWBK5

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWMR5 OPTOSUPPLY-OSWMR5 Datasheet
325Kb / 3P
   LED Waterproof Light
OSWOR5 OPTOSUPPLY-OSWOR5 Datasheet
327Kb / 3P
   LED Waterproof Light
OSWAR5 OPTOSUPPLY-OSWAR5 Datasheet
247Kb / 3P
   LED Waterproof Light
OSWCXX OPTOSUPPLY-OSWCXX Datasheet
87Kb / 4P
   LED Waterproof Light
OSWPR5 OPTOSUPPLY-OSWPR5 Datasheet
321Kb / 3P
   LED waterproof Light
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
   LED Waterproof Light, IP68
OSWMRGB OPTOSUPPLY-OSWMRGB Datasheet
322Kb / 3P
   RGB Waterproof Light
logo
Bright View Electronic ...
BVM-SWFPC5 BVLED-BVM-SWFPC5 Datasheet
198Kb / 7P
   WATERPROOF FLEXSTRIP LIGHT
logo
OptoSupply Internationa...
OSWPRGB OPTOSUPPLY-OSWPRGB Datasheet
255Kb / 3P
   RGB Waterproof Light
OSWORGB OPTOSUPPLY-OSWORGB Datasheet
324Kb / 3P
   RGB Waterproof Light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com