Selected language     English  ▼


E-308AA Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-308AA
Description  E-308AA SPDT, 7.5 Amps, 120 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
AC Voltage Sensor
E-308AA SPDT, 7.5 Amps, 120 VDC
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed
Operating Voltage
120V, 60 Hz, 3 Phase
Pick-Up Voltage (3 Phase Average)
110 Volts Maximum
Drop-Out Voltage
100
±5 Volts
Contact Rating
7.5 Amps Resistive at 28 VDC
Environmental
MIL-E-5400P CAT IA
Temperature Operating
-55
°C to +71°C
Weight Maximum
12 Ozs.
Rated Duty
Continuous
Features:
• SPDT Main Contacts
• 60 Hz, 3 Phase Under Voltage Sensing
• 120 VAC
• 7.5 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl