Selected language     English  ▼


E-308AH Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-308AH
Description  E-308AH 3PDT, 10 Amps, 115 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
AC Voltage Sensor
E-308AH 3PDT, 10 Amps, 115 VAC
PRODUCT SPECIFICATIONS
Electrical:
Contact Form
3PDT
Contact Rating
Resistive Inductive Motor Lamp
(Amps/Pole at 115 VAC & 28 VDC)
20
15
5
4
Load Transfer
10 Amps Inductive MIL-R-6106 .7 P.F. Lagging,
10,000 Operations Minimum
Contact Life
50,000 Operations, Minimum at Rated Resistive Load
Contact Bounce
3 Milliseconds Maximum
Duty Cycle
Continuous
Nominal Operating Voltage
115 VAC, RMS L-N
Maximum Operating Voltage
122 VAC, RMS L-N
Operating Frequency
400
±20 Hz
Pick-Up Voltage
109
±2 VRMS
Pick-Up Time
75 Milliseconds Max.
Drop-Out Voltage
104
±2 VRMS
Drop-Out Time Delay
When the relay is in the energized position and the
voltage drops below 104
±2 VRMS and above 88 ±4
VRMS the relay shall remain energized for 200 - 400
milliseconds. When the voltage drops below 88
±4
and above 8
±1 VRMS, the relay shall remain energized
for 50-400 milliseconds. Below 8
±1 VRMS the relay
shall de-energize in 400 milliseconds max.
Input Voltage Transients
Per MIL-STD-704A
Operating Current
200 Milliamps Maximum at 25
°C
Dielectric Withstanding Voltage
1000 VRMS, 60 Hz, 1 MIL / AMP Maximum Leakage
Insulation Resistance
1000 MegOhms Minimum at 500 VDC at 20
°C and 50%
RH (Max.)
Environmental:
Ambient Temperature
-55
°C to +85°C (Operating)
-55
°C to +125°C (Non-Operating)
Vibration
.060 DA 5 to 80 Hz, 20 G'S 80 to 2000 Hz
Shock
30 G'S, 11 Milliseconds, 1/2 SINE, 3 Axes
Acceleration
20 G'S in Any Axis
Altitude
0 to 50,000 Feet
Mechanical:
Weight
18 Oz.
Construction
Gasket Seal (Vented), Hermetic Sealed Contacts,
Aluminum Cover and Mounting Flanges
-
-
Features:
• 3PDT Main Contacts
• Drop-Out Time Delay
• 115 VAC
• 10 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl