Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSY5CA5C31P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5CA5C31P
Description  Deluxe Power 5mm Round Commercial Yellow LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5CA5C31P Datasheet(HTML) 1 Page - OptoSupply International

  OSY5CA5C31P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
D
De
ellu
ux
xe
e P
Po
ow
we
er
r 5
5m
mm
m R
Ro
ou
un
nd
d C
Co
om
mm
me
er
rc
ciia
all Y
Ye
ellllo
ow
w
L
LE
ED
D
OSY5CA5C31P
■Features
■Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
■Applications
Traffic Signal
Backlighting
Signal and channel letter
Other Lighting
Unit:mm
Tolerance:+0.3mm
1
2
5.0
2:Cathode
1:Anode
2.54
0.5+0.1
1.36
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
70
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
182
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■Electrical -Optical Characteristics
(Ta=25℃)
Maximum Forward DC Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
2.0
2.3
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=70mA
585
590
595
nm
Luminous Intensity*
Iv
IF=70mA
18000
22000
-
mcd
50% Power Angle
1/2
IF=70mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=300°C/W
Rth(J-a)=250°C/W
Rth(J-a)=200°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
20
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
80
60


Similar Part No. - OSY5CA5C31P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5CA5C31P OPTOSUPPLY-OSY5CA5C31P Datasheet
113Kb / 1P
   Deluxe Power 5mm Round Commercial Yellow LED
OSY5CA5C31P OPTOSUPPLY-OSY5CA5C31P_12 Datasheet
113Kb / 1P
   Deluxe Power 5mm Round Commercial Yellow LED
More results

Similar Description - OSY5CA5C31P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5CA5111P OPTOSUPPLY-OSY5CA5111P_11 Datasheet
180Kb / 1P
   Deluxe Power 5mm Round Commercial Yellow LED
OSY5CA5111P OPTOSUPPLY-OSY5CA5111P Datasheet
118Kb / 1P
   Deluxe Power 5mm Round Commercial Yellow LED
OSY5CA5C31P OPTOSUPPLY-OSY5CA5C31P_12 Datasheet
113Kb / 1P
   Deluxe Power 5mm Round Commercial Yellow LED
OS5YKA5111P OPTOSUPPLY-OS5YKA5111P Datasheet
112Kb / 1P
   Deluxe Power 5mm Round Commercial Yellow LED
OS5YAA5111P OPTOSUPPLY-OS5YAA5111P_11 Datasheet
180Kb / 1P
   Deluxe Power 5mm Round Super Yellow LED
OSY5MA5111P OPTOSUPPLY-OSY5MA5111P Datasheet
112Kb / 1P
   Deluxe Power 5mm Round Phoenix Yellow LED
OSY5CA3111P OPTOSUPPLY-OSY5CA3111P Datasheet
99Kb / 1P
   Deluxe Power 3mm Round Commercial Yellow LED
OS5RKA5111P OPTOSUPPLY-OS5RKA5111P Datasheet
112Kb / 1P
   Deluxe Power 5mm Round Commercial Red LED
OSO5CA5111P OPTOSUPPLY-OSO5CA5111P Datasheet
108Kb / 1P
   Deluxe Power 5mm Round Commercial Orange LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
117Kb / 1P
   Deluxe Power 5mm Round Commercial Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com