Selected language     English  ▼


E-311P Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-311P
Description  E-311P 2PDT, 10 Amps, 28 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
DC Voltage Sensor
E-311P 2PDT, 10 Amps, 28 VDC
PRODUCT SPECIFICATIONS
Electrical:
Contact Form
2PDT
Contact Rating
Resistive Inductive Motor Lamp
(Amp /Pole at 28 VDC)
10
6
3
1
Contact Life
100,000 Operations Minimum, at Rated Resistive Load
Contact Bounce
3 Milliseconds Maximum
Duty Cycle
Continuous
Nominal Operating Voltage
28 VDC
Maximum Operating Voltage
36 VDC
Pick-Up Voltage
24.5
±0.5 VDC
Pick-Up Time
125 Milliseconds Maximum
Drop-Out Voltage
21.5
±0.5 VDC
Drop-Out Time Delay
200-400 milliseconds when the relay is in the energized
position and the voltage drops below 21.5
±0.5 VDC
and above 15 VDC. The relay will remain energized for
200 to 400 milliseconds before de-energizing. When the
voltage drops below 15 VDC no time delay is required.
Input Voltage Transients
Per MIL-STD-704A
Operating Current
150 Maximum Milliamps at 25
°C
Dielectric Withstanding Voltage
1000 VRMS, 60 Hz, 1 Mil/Amp Maximum Leakage
Insulation Resistance
1000 MegOhms, Minimum at 500 VDC
Environmental:
Ambient Temperature
-55
°C to +85°C (Operating)
-55
°C to +125°C (Non-Operating)
Vibration
.060" DA 5 to 80 Hz, 20 G'S 80 to 2000 Hz
Shock
30 G'S, 11 Milliseconds, 1/2 SINE, 3 Axes
Acceleration
20 G'S in Any Axis
Altitude
0 to 80,000 Feet
Mechanical:
Weight Maximum
10 Oz.
Construction
Aluminum Metal Can, Mounting Flanges and Cover
Seal
Sensor Potted, Solder Sealed
Cover, Hermetic Sealed Contacts
Features:
• 2PDT Main Contacts
• Dropout Time Delay
• 28 VDC
• 10 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl