Selected language     English  ▼


E-312A-I Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-312A-I
Description  E-312A-I 2PDT, 10 Amps, 440 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
AC Voltage Sensor
E-312A-I 2PDT, 10 Amps, 440 VAC
PRODUCT SPECIFICATIONS
Input Voltage
440, 400 Hz
Trip Voltage
480
±2% VAC (3 Ø Average) at 25°C
Reset Voltage
0 Volts Input
Time Delay 5V Above Trip
0.5 to 1.5 Second
Time Delay at 500 VAC
.6
±.15 Second
Contacts
2PDT, Hermetically Sealed
10 Amps Resistive at 28 VDC
10 Amps Resistive at 115 VAC
0.1 Amp Inductive at 115 VDC with Transient of 0.75
Amp for 60 M Second
Temperature
0
°C to 65°C
Weight
15 Oz.
Features:
• 2PDT Main Contacts
• Hermetically Sealed
• Three Phase Voltage Sensor
• 440 VAC, 400 Hz, 3Ø Operation
• 10 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl