Selected language     English  ▼


E-327AD Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-327AD
Description  E-327AD 2PST, 10 Amps, 115 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
Ground Power Monitor
E-327AD 2PST, 10 Amps, 115 VAC
PRODUCT SPECIFICATIONS
Construction
Aluminum Case Gasket Sealed, Vented
Input Voltage
115V, 400 Cycles, L-N Normal
Temperature
-55
°C to +71°C Operating
Pick-Up (Contact Closes)
When voltage frequency and phase sequence are any-
where within the following limits and reset is grounded.
Voltage
105 to 125V
Frequency
375 to 425 Hz, Phase Sequence A-B-C
Drop-Out (Contact Opens)
When system reaches the frequency or the effective
value of the voltage over or under the limits tabulated.
Over Voltage
Volts / Freq.
Time Delay Sec.
132 V
6 Sec
±10%
150V
.95 Sec
±10%
180V
100 MS Maximum
Under Voltage
98V (Min.)
3.5 Sec
±.5 Sec
Over Frequency
430 Hz
6 Sec
±1 Sec
480 Hz
100 MS Maximum
Under Frequency
370 Hz
6 Sec
±1 Sec
320 Hz
100 MS Maximum
Weight Maximum (Estimated)
3 Lbs
Output Rating (15 Amp 100 MS Voltage 20 V Min.)
26
±4 VDC 3 Amp Continuous
Output Contact Rating
10 Amps Res at 28V (50,000 Operations)
4 Amps Inductive at 28V
Altitude
0-35,000 Feet
Vibration
MIL-E-5272 Procedure XII
Features:
• 2PST Main Contacts
• Monitor Voltage
• Monitor Frequency
• Monitor Phase Sequence
• 115 VAC
• 10 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl