Selected language     English  ▼


E-341 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-341
Description  E-341 SPDT, 2 Amps, 208 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
Phase Rotation Sensor
E-341 SPDT, 2 Amps, 208 VAC
PRODUCT SPECIFICATIONS
Construction
Solder Sealed and Potted
Input Voltage
208 Volts, L to L, 400 Hz
Environmental:
Temperature
-55
°C to +85°C
Shock
25g 1/2 SINE, 6 - 9 Millisecond Duration
Vibration
.060" DA 5 to 55 Hz, 10G’s 1/8, 55 to 1500 Hz
Operating Characteristics:
Pick-Up
Phase sequence L1-L2-L3 balanced phase voltages.
80-95 Volts L to N.
Not possible at any voltage with phase sequence
L1-L3-L2.
One or more phase open will not pick-up below 250
volts L to N.
Drop-Out
With balanced phase voltages above 50 volts L to N.
2 phases remaining at 115 volts, one phase voltage
reduced. Above 5 volts L to N on the low phase.
Contact Rating
2 Amps, 30 VDC Resistive
1 Amp, Resistive at 115V RMS
Weight
10 Oz.
Features:
• SPDT Main Contacts
• Phase Sequence Relay
• 208 VAC, 400 Hz, 3Ø Operation
• 2 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl