Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23057-B0013-A402 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23057-B0013-A402
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23057-B0013-A402 Datasheet(HTML) 3 Page - Tyco Electronics

  V23057-B0013-A402 Datasheet HTML 1Page - Tyco Electronics V23057-B0013-A402 Datasheet HTML 2Page - Tyco Electronics V23057-B0013-A402 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power PCB Relay Card E (Continued)
Product key
Version
Cont.type
Cont.material
Cont.config.
Coil
Part number
V23057-A0002-A101
horizontal
single contact
AgNi 0.15
1 CO
12 VDC
0-1393215-4
V23057-A0002-A401
AgCdO
contact
0-1393215-9
V23057-A0006-A101
AgNi 0.15
24 VDC
2-1393215-1
V23057-A0006-A401
AgCdO
2-1393215-5
V23057-A0006-A402
1 NO cont.
2-1393215-7
V23057-A0013-A101
AgNi 0.15
1 CO
48 VDC
3-1393215-8
V23057-A0013-A401
AgCdO
contact
4-1393215-0
V23057-A0023-A101
AgNi 0.15
60 VDC
5-1393215-5
V23057-A0023-A401
AgCdO
5-1393215-6
V23057-B0002-A101
vertical
AgNi 0.15
12 VDC
6-1393215-7
V23057-B0002-A401
AgCdO
7-1393215-1
V23057-B0002-A402
1 NO cont.
7-1393215-2
V23057-B0006-A101
AgNi 0.15
1 CO cont.
24 VDC
7-1393215-5
V23057-B0006-A102
1 NO cont.
7-1393215-9
V23057-B0006-A401
AgCdO
1 CO cont.
8-1393215-5
V23057-B0006-A402
1 NO cont.
8-1393215-6
V23057-B0013-A101
AgNi 0.15
1 CO
48 VDC
9-1393215-4
V23057-B0013-A401
AgCdO
contact
9-1393215-6
V23057-B0023-A401
60 VDC
0-1393216-6
Product key
V 23057 -
0
-
Type
Version
A
horizontal
B
vertical
Version
0
standard
2
flux proof
Coil
001
6VDC
013
48 VDC
002
12 VDC
023
60 VDC
006
24 VDC
Contact set
A
single contact
B
bifurcated contact (CO version only)
Contact material
1
AgNi 0.15
4
AgCdO
2
AgNi 20
Contact configuration
01 1 CO contact
02 1 NO contact
Other types on request


Similar Part No. - V23057-B0013-A402

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-B0001-A101 MACOM-V23057-B0001-A101 Datasheet
460Kb / 3P
   Power PCB Relay Card E
V23057-B0001-A101 MACOM-V23057-B0001-A101 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
V23057-B0001-A101 TEC-V23057-B0001-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
V23057-B0002-A101 MACOM-V23057-B0002-A101 Datasheet
460Kb / 3P
   Power PCB Relay Card E
V23057-B0002-A101 MACOM-V23057-B0002-A101 Datasheet
460Kb / 3P
   Power PCB Relay Card E
More results

Similar Description - V23057-B0013-A402

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
V23057 MACOM-V23057 Datasheet
460Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
1393215-4 MACOM-1393215-4 Datasheet
460Kb / 3P
   Power PCB Relay Card E
RP78623 MACOM-RP78623 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com