Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1412-03CP Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1412-03CP
Description  2-Channel Headset/Microphone EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1412-03CP Datasheet(HTML) 1 Page - ON Semiconductor

  CM1412-03CP Datasheet HTML 1Page - ON Semiconductor CM1412-03CP Datasheet HTML 2Page - ON Semiconductor CM1412-03CP Datasheet HTML 3Page - ON Semiconductor CM1412-03CP Datasheet HTML 4Page - ON Semiconductor CM1412-03CP Datasheet HTML 5Page - ON Semiconductor CM1412-03CP Datasheet HTML 6Page - ON Semiconductor CM1412-03CP Datasheet HTML 7Page - ON Semiconductor CM1412-03CP Datasheet HTML 8Page - ON Semiconductor CM1412-03CP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2-Channel Headset/Microphone EMI
Filter Array with ESD Protection
CM1412
©2010 SCILLC. All rights reserved.
Publication Order Number:
April 2010 Rev. 3
CM1412/D
Features
Functionally and pin compatible with CMD’s
CSPEMI202A
OptiGuard
coated for improved reliability at
assembly
Two channels of EMI filtering
Pi-style EMI filters in a capacitor-resistor-
capacitor (C-R-C) network
Greater than 40dB attenuation at 1GHz
+
8kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
+
15kV ESD protection on each channel (HBM)
Supports AC signals—ideal for audio applications
Chip Scale Package features extremely low
lead inductance for optimum filter and ESD
performance
5-bump, 0.930mm X 1.410mm footprint
Chip Scale Package (CSP)
Lead-free RoHS compliant
Applications
EMI filtering and ESD protection for headset
microphone ports
Wireless handsets
Handheld PCs / PDAs
MP3 players
Digital camcorders
Notebooks
Desktop PCs
Product Description
The
CM1412
is
a
dual,
low-pass
filter
array
integrating two pi-style filters (C-R-C) that reduce
EMI/RFI emissions while providing ESD protection.
This part is custom-designed to interface with a
microphone port on a cellular telephone or similar
device. Each high quality filter provides more than
35dB attenuation in the 800 to 2700 MHz range.
These pi-style filters support bidirectional filtering that
control EMI both to and from a microphone element.
They also support AC signals, enabling audio signals
to pass through without distortion.
In addition, the CM1412 provides a very high level of
protection for sensitive electronic components that
may be subjected to electrostatic discharge (ESD).
The input pins safely dissipate ESD strikes of +8kV,
the maximum requirement of the IEC 61000-4-2
international
standard.
Using
the
MIL-STD-883
(Method 3015) specification for Human Body Model
(HBM) ESD, the device provides protection for
contact discharges to greater than +15kV.
The CM1412 is particularly well suited for portable
electronics (e.g., cellular telephones, PDAs, notebook
computers) because of its small package format and
low weight. The CM1412 incorporates OptiGuard
coating which results in improved reliability at
assembly and is available in a space-saving, low-
profile Chip Scale Package with lead-free finishing.


Similar Part No. - CM1412-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1412-03CP CALMIRCO-CM1412-03CP Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
More results

Similar Description - CM1412-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI205G ONSEMI-CSPEMI205G Datasheet
271Kb / 9P
   3-Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1414 CALMIRCO-CM1414 Datasheet
259Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI204 CALMIRCO-CSPEMI204 Datasheet
254Kb / 6P
   2 Channel Headset EMI Filter with ESD Protection
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com