Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1423-03CP Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM1423-03CP
Description  Secure Digital (SD) Card EMI Filter Array with ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1423-03CP Datasheet(HTML) 5 Page - ON Semiconductor

  CM1423-03CP Datasheet HTML 1Page - ON Semiconductor CM1423-03CP Datasheet HTML 2Page - ON Semiconductor CM1423-03CP Datasheet HTML 3Page - ON Semiconductor CM1423-03CP Datasheet HTML 4Page - ON Semiconductor CM1423-03CP Datasheet HTML 5Page - ON Semiconductor CM1423-03CP Datasheet HTML 6Page - ON Semiconductor CM1423-03CP Datasheet HTML 7Page - ON Semiconductor CM1423-03CP Datasheet HTML 8Page - ON Semiconductor CM1423-03CP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CM1423
Rev. 3 | Page 5 of 14 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
Ω
C
Capacitance
At 2.5V DC, 1MHz, 30mV
AC
9
12
15
pF
V
DIODE
Diode Standoff Voltage
I
DIODE = 10μA
6.0
V
I
LEAK
Diode Leakage Current (reverse bias)
V
DIODE = 3.3V
100
300
nA
V
SIG
Signal Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Level 4
Note 2
±30
±15
kV
kV
R
DYN
Dynamic Resistance
Positive
Negative
1.6
0.4
Ω
Ω
f
C
Cut-off Frequency
Z
SOURCE=50Ω, ZLOAD=50Ω
R = 100
Ω, C = 12pF;
145
MHz
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.


Similar Part No. - CM1423-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1423-03CP CALMIRCO-CM1423-03CP Datasheet
603Kb / 10P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
More results

Similar Description - CM1423-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1423 CALMIRCO-CM1423 Datasheet
603Kb / 10P
   Secure Digital (SD) Card EMI Filter Array with ESD Protection
logo
Semtech Corporation
ECLAMP2357NQ SEMTECH-ECLAMP2357NQ Datasheet
995Kb / 8P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357N SEMTECH-ECLAMP2357N Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com