Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1425-01CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1425-01CS
Description  4-Channel EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1425-01CS Datasheet(HTML) 1 Page - ON Semiconductor

  CM1425-01CS Datasheet HTML 1Page - ON Semiconductor CM1425-01CS Datasheet HTML 2Page - ON Semiconductor CM1425-01CS Datasheet HTML 3Page - ON Semiconductor CM1425-01CS Datasheet HTML 4Page - ON Semiconductor CM1425-01CS Datasheet HTML 5Page - ON Semiconductor CM1425-01CS Datasheet HTML 6Page - ON Semiconductor CM1425-01CS Datasheet HTML 7Page - ON Semiconductor CM1425-01CS Datasheet HTML 8Page - ON Semiconductor CM1425-01CS Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4-Channel EMI Filter Array
with ESD Protection
CM1425
©2010 SCILLC. All rights reserved.
Publication Order Number:
April 2010 Rev. 2
CM1425/D
Features
Four channels of EMI filtering with ESD
protection
Pin compatible with CMD’s CSPRC032A
Greater than 30dB attenuation over the 800MHz
to 3GHz frequency range
±15kV ESD protection (IEC 61000-4-2, contact
discharge)
±30kV ESD protection (HBM)
9-bump, 2.470mm x 0.970mm footprint Chip
Scale Package (CSP)
Available with OptiGuard
coating for improved
reliability
Lead-free versions available
Applications
Filtering for antenna and keypad data lines
I/O port protection for mobile handsets, notebook
computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs
or notebook computers.
EMI filtering for LCD and chip-to-chip data lines
in mobile electronic devices that use flexible PCB
interconnections
Product Description
The CM1425 is an EMI filter array with ESD
protection, which integrates 4 pi filters (C-R-C). The
CM1425 has component values of 20pF-100
Ω-20pF.
The parts include ESD protection diodes on every
pin, which provide a very high level of protection for
sensitive
electronic
components
that
may
be
subjected to electrostatic discharge (ESD). The ESD
diodes connected to the filter ports safely dissipate
ESD strikes of
±15kV, well beyond the maximum
requirement of the IEC 61000-4-2 international
standard. Using the MIL-STD-883 (Method 3015)
specification for Human Body Model (HBM) ESD, the
pins are protected for contact discharges at greater
than
±30kV.
This device is particularly well-suited for portable
electronics (e.g. mobile handsets, PDAs, notebook
computers) because of its small package and easy-
to-use pin assignments. In particular, the CM1425 is
ideal for EMI filtering and protecting data lines from
ESD in wireless handsets.
All CM1425 devices are optionally available with
OptiGuard
coating which results in improved
reliability at assembly. These devices are also
available with standard and lead-free finishing. The
CM1425 is housed in a space-saving, low-profile,
chip-scale package and is fabricated with the
Centurion
™ processes.


Similar Part No. - CM1425-01CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1425-01CS CALMIRCO-CM1425-01CS Datasheet
198Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
More results

Similar Description - CM1425-01CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1425 CALMIRCO-CM1425 Datasheet
198Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
NUF4105FC ONSEMI-NUF4105FC Datasheet
82Kb / 6P
   4 Channel EMI Pi-Filter Array with ESD Protection 4 ESD Diodes
November, 2004 ??Rev. 1
EMI9404 ONSEMI-EMI9404 Datasheet
208Kb / 5P
   4-Channel EMI Array with ESD Protection
January, 2013 ??Rev. 1
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com