Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1431-06DF Datasheet(PDF) 9 Page - ON Semiconductor

Part # CM1431-06DF
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1431-06DF Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CM1431-06DF Datasheet HTML 4Page - ON Semiconductor CM1431-06DF Datasheet HTML 5Page - ON Semiconductor CM1431-06DF Datasheet HTML 6Page - ON Semiconductor CM1431-06DF Datasheet HTML 7Page - ON Semiconductor CM1431-06DF Datasheet HTML 8Page - ON Semiconductor CM1431-06DF Datasheet HTML 9Page - ON Semiconductor CM1431-06DF Datasheet HTML 10Page - ON Semiconductor CM1431-06DF Datasheet HTML 11Page - ON Semiconductor CM1431-06DF Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CM1431
Rev. 2 | Page 9 of 12 | www.onsemi.com
Mechanical Details
CM1431-04DF/DE Mechanical Specifications
Dimensions for the CM1431-04DF/DE supplied in a 8-lead, 0.4mm pitch TDFN package are presented below.
For complete information on the TDFN-8, see the California Micro Devices TDFN Package Information
document.
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C
¦
Leads
8
Millimeters
Inches
Dim.
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.20 REF
0.008 REF
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.65
1.70
1.75
0.065
0.067
0.069
D2
1.10
1.20
1.30
0.043
0.047
0.051
E
1.30
1.35
1.40
0.051
0.053
0.055
E2
0.30
0.40
0.50
0.012
0.016
0.020
e
0.40 BSC
0.016 BSC
K
0.20
0.008
L
0.15
0.25
0.35
0.006
0.010
0.014
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
¦
This package is compliant with JEDEC standard MO-229C with the
exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as
called out in the table above.
Dimensions for 8-Lead, 0.4mm pitch
TDFN package


Similar Part No. - CM1431-06DF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1431-06DF CALMIRCO-CM1431-06DF Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results

Similar Description - CM1431-06DF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com