Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M42800A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91M42800A
Description  AT91 ARM Thumb Microcontrollers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M42800A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91M42800A Datasheet HTML 7Page - ATMEL Corporation AT91M42800A Datasheet HTML 8Page - ATMEL Corporation AT91M42800A Datasheet HTML 9Page - ATMEL Corporation AT91M42800A Datasheet HTML 10Page - ATMEL Corporation AT91M42800A Datasheet HTML 11Page - ATMEL Corporation AT91M42800A Datasheet HTML 12Page - ATMEL Corporation AT91M42800A Datasheet HTML 13Page - ATMEL Corporation AT91M42800A Datasheet HTML 14Page - ATMEL Corporation AT91M42800A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
1779ES–ATARM–14-Apr-06
AT91M42800A
7.
Product Overview
7.1
Power Supply
The AT91M42800A has three kinds of power supply pins:
• VDDCORE pins, which power the chip core
• VDDIO pins, which power the I/O lines
• VDDPLL pins, which power the oscillator and PLL cells
VDDCORE and VDDIO pins allow core power consumption to be reduced by supplying it with a
lower voltage than the I/O lines. The VDDCORE pins must never be powered at a voltage
greater than the supply voltage applied to the VDDIO.
The VDDPLL pin is used to supply the oscillator and both PLLs. The voltage applied on these
pins is typically 3.3V, and it must not be lower than VDDCORE.
Typical supported voltage combinations are shown in the following table:
7.2
Input/Output Considerations
After the reset, the peripheral I/Os are initialized as inputs to provide the user with maximum
flexibility. It is recommended that in any application phase, the inputs to the AT91M42800A
microcontroller be held at valid logic levels to minimize the power consumption.
7.3
Operating Modes
The AT91M42800A has two pins dedicated to defining MODE0 and MODE1 operating modes.
These pins allow the user to enter the device in Boundary Scan mode. They also allow the user
to run the processor from the on-chip oscillator and from an external clock by bypassing the on-
chip oscillator. The last mode is reserved for test purposes. A chip reset must be performed
(NRST and NTRST) after MODE0 and/or MODE1 have been changed.
7.4
Clock Generator
The AT91M42800A microcontroller embeds a 32.768 kHz oscillator that generates the Slow
Clock (SLCK). This on-chip oscillator can be bypassed by setting the correct logical level on
MODE0 and MODE1 pins, as shown above. In this case, SLCK equals XIN.
Pins
Nominal Supply Voltages
VDDCORE
3.3V
3.0V or 3.3V
VDDIO
5.0V
3.0V or 3.3V
VDDPLL
3.3V
3.0V or 3.3V
MODE0
MODE1
Operating Mode
0
0
Normal operating mode by using the on-chip oscillator
0
1
Boundary Scan Mode
1
0
Normal operating mode by using an external clock on XIN
1
1
Reserved for test


Similar Part No. - AT91M42800A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A Datasheet
382Kb / 23P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A Datasheet
2Mb / 198P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91M42800A-33AI ATMEL-AT91M42800A-33AI Datasheet
382Kb / 23P
   AT91 ARM Thumb Microcontrollers
AT91M42800A-33AI ATMEL-AT91M42800A-33AI Datasheet
2Mb / 198P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91M42800A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com