Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV250-2B Datasheet(PDF) 1 Page - Tyco Electronics

Part # EV250-2B
Description  Kilovac EV250-2A & 2B - 400 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EV250-2B Datasheet(HTML) 1 Page - Tyco Electronics

  EV250-2B Datasheet HTML 1Page - Tyco Electronics EV250-2B Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Features:
17
PRODUCT SPECIFICATIONS
Parameter
Voltage* (nominal )
Pickup (close), max.
Hold, Min.
Dropout (open), min.
Current (@VsNom/ 25oC)
Inrush
Holding, standby,
Inrush Time, max.
COIL DATA**
CONTACT RATINGS*
28-1800 Vdc 
Units
Vdc
A
A
ms
Sample Part No.
EV250-2
A
Model
2 = with blowout magnets
8 = without blowout magnets
7 = 10" flying leads
(12 V, with magnets only)
Coil Voltage
A = 12 Vdc, Nominal
B = 24 Vdc, Nominal
PART NUMBER SELECTION
* Other special coil voltages available upon request.
* * Do not use a free wheeling diode or capacitor across the coil. Built in
suppression limits back EMF to zero volts
Kilovac EV250-2A & 2B - 400 Amps ("Czonka II EVX")
Make & Break Load Switching
• Hydrogen dielectric for power switching high
current loads
• 400 A carry, 2,500 A interrupt @ 320 Vdc
• Ideal for circuit protection, control, battery
switching, and main power safety disconnect
• Versatile power, voltage, and current
operating range: 28-1800Vdc tested
• Internal coil economizer provides:
4W typical hold power independent
of temperature & voltage range
EMI spectrum tested and approved
Built-in coil suppression
• Patented "hammer effect" mechanism breaks
light contact welds
• Patented hermetically "Super-sealed"
environment chamber uniquely protects ALL
moving parts
• Can operate in harsh environments
• Moving contact rotates to provide fresh
contact surface for low contact resistance
and low power comsumption
• Sealed control connector. Mating connector
with flying leads P/N 2005 available, see
page 59
• Special versions available:
Economical (-8A/B) for light duty
power switching (without arc blowout
magnets
10 inch flying leads model (-7A)
* For circuit conditions and actual data refer to the EV250 hot switch study. Since each application is unique, user is encouraged to verify rating in
actual application.
EV250-2A
12
9
7
5
2.8
0.34
200
EV250-2B
24
18
14
10
1.8
0.11
200
For detailed specifications and recommenda-
tions, refer to the EV250-2A & B or 7A sales
drawings.
1
10
10 0
1, 0 0 0
10 , 0 0 0
10 0, 00 0
1
1 0
1 0 0
1 , 00 0
1 0, 0 0 0
1 00 , 0 0 0
Sw itc h i n g Cu r re n t
400V
dc
Re g io n o f
C o nt ac t
Lev it ati on.
Op e r a t io n
P rohibi te d
Mo m e n t a ry C a rry
Re g io n
400A
9000 A
120V
dc
* Refer to sales drawing, qualification test plan for actual mix of precharge and break currents used on each cycle.
o
Part Number
Contact Arrangement ..........................................................
Contact Form ........................................................................
Continuous Current Carry, Max. ........................................
6.5 Minutes ....................................................................
Break Current @ 320 Vdc ...................................................
Contact Resistance, Max. ...................................................
Contact Resistance, Typ. ....................................................
Dielectric at Sea Level (leakage < 1mA) ............................
Shock, 11 ms 1/2 Sine (peak), operating .........................
Vibration, Sinusoidal (80-2000 Hz, peak) .........................
Operating Ambient Temperature Range ............................
Load Life, @ 320 Vdc. 95% Weibull* ................................
Operate Time, 25o C .............................................................
Close (includes bounce) Typ. ......................................
Bounce (after close only), Max. ..................................
Release Time (includes arcing), Max. @ 2500A ........
Insulation Resistance @ 500 Vdc, Min. ............................
Weight, Nominal ..................................................................
UNIT
EV250-2A
EV250-2B
SPST-NO
SPST-NO
XX
A
400
400
A
500
500
A
2,500
2,500
ohms
0.0003
0.0003
ohms
0.0001 - 0.0002
0.0001 - 0.0002
Vrms
2,200
2,200
G's peak
30
30
G's
20
20
C
-40 to +85
-40 to +85
cycles
See Page 19
See Page 19
ms
18
18
ms
55
ms
15
15
Mohm
100
100
pound (kg)
1.76 (0.8)
1.76 (0.8)
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - EV250-2B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EV250-2B TEC-EV250-2B Datasheet
454Kb / 4P
   EV250-1A & 1B 400 Amps CZONKA-II EVX Make & Break Load Switching
More results

Similar Description - EV250-2B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EV250-5A MACOM-EV250-5A Datasheet
334Kb / 2P
   Kilovac EV250-5A - 400 Amps
EV250-1A MACOM-EV250-1A Datasheet
351Kb / 2P
   Kilovac EV250-1A & 1B - 400 Amps
AP90X MACOM-AP90X Datasheet
711Kb / 2P
   KILOVAC AP90X-90 Amps
AP350X MACOM-AP350X Datasheet
228Kb / 1P
   KILOVAC AP350X- 500 Amps
logo
TE Connectivity Ltd
EV250-1A TEC-EV250-1A Datasheet
454Kb / 4P
   EV250-1A & 1B 400 Amps CZONKA-II EVX Make & Break Load Switching
logo
Tyco Electronics
AP50X MACOM-AP50X Datasheet
317Kb / 1P
   KILOVAC AP50X-50 Amps
EV500 MACOM-EV500 Datasheet
418Kb / 2P
   Kilovac EV500 BUBBA - 600 Amps Make & Break Load Switching
SD130A MACOM-SD130A Datasheet
50Kb / 1P
   SPST, 400 Amps, 28 VDC
logo
TE Connectivity Ltd
K64 TEC-K64 Datasheet
211Kb / 1P
   KILOVAC High Voltage Relays
logo
Mospec Semiconductor
BUX84 MOSPEC-BUX84 Datasheet
102Kb / 2P
   POWER TRANSISTORS(2A,400-450V,40W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com