Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BC375UD Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC44BC375UD
Description  PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC375UD Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC44BC375UD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC375UD Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Application Specific Products
Freescale Semiconductor
7
MC44BC375U
Table 8. Audio Performance Characteristics
Parameter
Test Conditions(1)
1. See Performance Measurement Test Set-ups, Table 9.
Min
Typ
Max
Unit
Type
Picture-to-Sound ratio
PSS pin = High
PSS pin = Low
14
12
16
14
18
14
dB
B
Picture to Sound ratio difference
between PSS = HI and PSS = LO
1.5
2.0
2.5
dB
B
Audio modulation depth
Using specific pre-emphasis circuit, Audio input = 1.0 KHz @ 205 mVrms
Fs = 4.5 MHz
(100% modulation = ±25 KHz FM deviation)
75
85
95
%
B
Fs = 5.5 MHz
(100% modulation = ±50 KHz FM deviation)
75
85
95
%
B
Audio input resistance
45
55
61
K
A
Audio Frequency response
Reference 0 dB at 1.0 KHz,
Measure from 50 Hz to 15 KHz
Depends on loop filter components
-2.5
+2.0
dB
C
Audio Distortion FM (THD only)
At 1.0 KHz, 100% modulation (
±50 KHz) No video
0.3
1.0
%
C
Audio S/N with Sync Buzz FM
50
53
dB
C


Similar Part No. - MC44BC375UD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375UD MOTOROLA-MC44BC375UD Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC375UD FREESCALE-MC44BC375UD Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375UD NXP-MC44BC375UD Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results

Similar Description - MC44BC375UD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com