Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1499-E6DE Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1499-E6DE
Description  6-Channel LCD and Camera EMI Filter Array with ESD Protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1499-E6DE Datasheet(HTML) 1 Page - ON Semiconductor

  CM1499-E6DE Datasheet HTML 1Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6-Channel LCD and Camera EMI Filter
Array with ESD Protection
CM1499-E6DE
©2010 SCILLC. All rights reserved.
Publication Order Number:
May 2010 – Rev. 2
CM1499-E6DE/D
Features
Six channels of EMI filtering with integrated
ESD protection
Pi-style EMI filters in a capacitor-resistor-
capacitor (C-R-C) network
±
15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±
30kV ESD protection on each channel (HBM)
Greater than -35dB attenuation (typical) at
1GHz
12-lead DFN package with 0.50mm lead pitch
Tiny 3.0mm x 1.35mm DFN package size
Increased robustness against vertical impacts
during manufacturing process
RoHS compliant, lead-free finishing
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets,
notebook computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs
or notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1499-E6DE is a 6-channel pi-style EMI filter
array with ESD protection that integrates six filters
(C-R-C) into a small form factor 0.50mm pitch, DFN
package. The CM1499-E6DE has component
values of 15pF-100Ω-15pF per channel. The
CM1499-E6DE provides a cut-off frequency of
110MHz and can be used in applications with data
rates of up to 44Mbps. The parts include ESD
diodes on every pin that provide a very high level of
protection for sensitive electronic components
against possible electrostatic discharge (ESD). The
ESD protection diodes safely dissipate ESD strikes
of ±15kV, which well beyond the maximum
requirement of the IEC61000-4-2 international
standard. In accordance with MIL-STD-883 (Method
3015) specification for Human Body Model (HBM)
ESD, the pins are protected for contact discharges
at greater than ±30kV.
These devices are particularly well-suited for
portable electronics (e.g. wireless handsets, PDAs,
notebook computers) because of their small
package and easy-to-use pin assignments. In
particular, the CM1499-E6DE is ideal for EMI
filtering and protecting data and control lines for the
I/O data ports, LCD display and camera interface in
mobile handsets.
The CM1499-E6DE is housed in a space-saving,
low-profile 12-lead DFN package with a 0.50mm
pitch with RoHS compliant lead-free finishing.


Similar Part No. - CM1499-E6DE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1490 CML-CM1490 Datasheet
218Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM1490 VCC-CM1490 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
ON Semiconductor
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
Chicago Miniature Lamp,...
CM1493 CML-CM1493 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1493 VCC-CM1493 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
More results

Similar Description - CM1499-E6DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com