Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY25-20MU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY25-20MU
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY25-20MU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY25-20MU Datasheet HTML 3Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 4Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 5Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 6Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 7Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 8Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 9Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 10Page - ATMEL Corporation ATTINY25-20MU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
2586L–AVR–06/10
ATtiny25/45/85
4. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F
SREG
I
T
H
S
V
N
Z
C
page 8
0x3E
SPH
SP9
SP8
page 11
0x3D
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 11
0x3C
Reserved
0x3B
GIMSK
INT0
PCIE
page 53
0x3A
GIFR
INTF0
PCIF
page 53
0x39
TIMSK
OCIE1A
OCIE1B
OCIE0A
OCIE0B
TOIE1
TOIE0
pages 84, 106
0x38
TIFR
OCF1A
OCF1B
OCF0A
OCF0B
TOV1
TOV0
page 84
0x37
SPMCSR
RSIG
CTPB
RFLB
PGWRT
PGERS
SPMEN
page 149
0x36
Reserved
0x35
MCUCR
BODS
PUD
SE
SM1
SM0
BODSE
ISC01
ISC00
pages 38, 52, 66
0x34
MCUSR
WDRF
BORF
EXTRF
PORF
page 47,
0x33
TCCR0B
FOC0A
FOC0B
WGM02
CS02
CS01
CS00
page 82
0x32
TCNT0
Timer/Counter0
page 83
0x31
OSCCAL
Oscillator Calibration Register
page 32
0x30
TCCR1
CTC1
PWM1A
COM1A1
COM1A0
CS13
CS12
CS11
CS10
pages 92, 103
0x2F
TCNT1
Timer/Counter1
pages 94, 105
0x2E
OCR1A
Timer/Counter1 Output Compare Register A
pages 95, 105
0x2D
OCR1C
Timer/Counter1 Output Compare Register C
pages 95, 106
0x2C
GTCCR
TSM
PWM1B
COM1B1
COM1B0
FOC1B
FOC1A
PSR1
PSR0
pages 80, 93, 105
0x2B
OCR1B
Timer/Counter1 Output Compare Register B
page 95
0x2A
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
WGM01
WGM00
page 80
0x29
OCR0A
Timer/Counter0 – Output Compare Register A
page 83
0x28
OCR0B
Timer/Counter0 – Output Compare Register B
page 84
0x27
PLLCSR
LSM
PCKE
PLLE
PLOCK
pages 97, 107
0x26
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 33
0x25
DT1A
DT1AH3
DT1AH2
DT1AH1
DT1AH0
DT1AL3
DT1AL2
DT1AL1
DT1AL0
page 110
0x24
DT1B
DT1BH3
DT1BH2
DT1BH1
DT1BH0
DT1BL3
DT1BL2
DT1BL1
DT1BL0
page 110
0x23
DTPS1
-
-
-
-
-
-
DTPS11
DTPS10
page 109
0x22
DWDR
DWDR[7:0]
page 144
0x21
WDTCR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 47
0x20
PRR
PRTIM1
PRTIM0
PRUSI
PRADC
page 37
0x1F
EEARH
EEAR8
page 20
0x1E
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
page 20
0x1D
EEDR
EEPROM Data Register
page 20
0x1C
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
page 21
0x1B
Reserved
0x1A
Reserved
0x19
Reserved
0x18
PORTB
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
page 66
0x17
DDRB
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
page 66
0x16
PINB
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
page 66
0x15
PCMSK
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
page 54
0x14
DIDR0
ADC0D
ADC2D
ADC3D
ADC1D
AIN1D
AIN0D
pages 125, 142
0x13
GPIOR2
General Purpose I/O Register 2
page 10
0x12
GPIOR1
General Purpose I/O Register 1
page 10
0x11
GPIOR0
General Purpose I/O Register 0
page 10
0x10
USIBR
USI Buffer Register
page 118
0x0F
USIDR
USI Data Register
page 118
0x0E
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
page 119
0x0D
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
page 120
0x0C
Reserved
0x0B
Reserved
0x0A
Reserved
0x09
Reserved
0x08
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIS1
ACIS0
page 124
0x07
ADMUX
REFS1
REFS0
ADLAR
REFS2
MUX3
MUX2
MUX1
MUX0
page 138
0x06
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 140
0x05
ADCH
ADC Data Register High Byte
page 141
0x04
ADCL
ADC Data Register Low Byte
page 141
0x03
ADCSRB
BIN
ACME
IPR
ADTS2
ADTS1
ADTS0
pages 124, 141
0x02
Reserved
0x01
Reserved
0x00
Reserved


Similar Part No. - ATTINY25-20MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25-20MU ATMEL-ATTINY25-20MU Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-20MU ATMEL-ATTINY25-20MU Datasheet
2Mb / 222P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-20MU ATMEL-ATTINY25-20MU Datasheet
662Kb / 29P
   Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-20MUR ATMEL-ATTINY25-20MUR Datasheet
662Kb / 29P
   Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY25-20MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8AUR ATMEL-ATMEGA8L-8AUR Datasheet
6Mb / 331P
   8-bit Atmel with 8KBytes In-System PRogrammable Flash
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com