Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8006 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC56F8006
Description  Digital Signal Controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8006 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC56F8006 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8006 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
MC56F8006/MC56F8002 Digital Signal Controller, Rev. 2
Block Diagram
Freescale Semiconductor
4
2
Block Diagram
Figure 1shows a top-level block diagram of the MC56F8006/MC56F8002 digital signal controller. Package options for this
family are described later in this document. Italics indicate a 56F8002 device parameter.
Figure 1. MC56F8006/MC56F8002 Block Diagram
3
Overview
3.1
56F8006/56F8002 Features
3.1.1
Core
Efficient 16-bit 56800E family digital signal controller (DSC) engine with dual Harvard architecture
As many as 32 million instructions per second (MIPS) at 32 MHz core frequency
155 basic instructions in conjunction with up to 20 address modes
Single-cycle 16
× 16-bit parallel multiplier-accumulator (MAC)
Four 36-bit accumulators, including extension bits
32-bit arithmetic and logic multi-bit shifter
Program Controller
and Hardware
Looping Unit
Data ALU 16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit 56800E Core
Interrupt
Controller
4
Unified Data /
Program RAM
2KB
PDB
CDBR
SPI
IPBus Bridge
R/W Control
Memory
PAB
CDBW
JTAG/EOnCE
Port or GPIOD
Digital Reg
Analog Reg
Low-Voltage
Supervisor
VDD
VSS
VDDA VSSA
4
RESET
6
Dual GP Timer
ADCA
4
24 Total
Clock
Generator*
System
Integration
Module
ROSC
PWM Outputs
PWM
COP/
Watchdog
ADCB
Flash Memory
16 Kbytes flash
12 Kbytes flash
PGA/ADC
SCI
2
3
CMP0
2
CMP2
2
CMP
or
GPIOD
CMP1
2
Crystal
Oscillator
Power
Management
Controller
programmable
I2C
2
PIT
delay block
3
40
GPIO are
muxed with
all other func
pins.
PMC
3
Fault Inputs
PDB
XAB1
XAB2
System Bus
Control
PAB
CDBR
CDBW
XDB2
OSC
RTC
Note: All pins
are muxed with
other peripheral
pins.
2


Similar Part No. - MC56F8006

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 106P
   Digital Signal Controller
MC56F8006 FREESCALE-MC56F8006 Datasheet
3Mb / 13P
   Demo board user?셲 guide
MC56F8006DEMO FREESCALE-MC56F8006DEMO Datasheet
3Mb / 13P
   Demo board user?셲 guide
More results

Similar Description - MC56F8006

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
   Digital Signal Controller Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com