Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8002 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC56F8002
Description  Digital Signal Controller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8002 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC56F8002 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC56F8002 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
MC56F8006/MC56F8002 Digital Signal Controller, Rev. 2
Overview
Freescale Semiconductor
8
— On-chip relaxation oscillator with two user selectable frequencies: 400 kHz for low speed mode, 8 MHz for
normal operation
— On-chip low-power 1 kHz oscillator can be selected as clock source to the RTC and/or COP
— External clock: crystal oscillator, ceramic resonator, and external clock source
Power management controller (PMC)
— On-chip regulator for digital and analog circuitry to lower cost and reduce noise
— Integrated power-on reset (POR)
— Low-voltage interrupt with a user selectable trip voltage of 1.81 V or 2.31 V
— User selectable brown-out reset
— Run, wait, and stop modes
— Low-power run, wait, and stop modes
— Partial power down mode
Up to 40 general-purpose I/O (GPIO) pins
— Individual control for each pin to be in peripheral or GPIO mode
— Individual input/output direction control for each pin in GPIO mode
— Hysteresis and configurable pullup device on all input pins
— Configurable slew rate and drive strength and optional input low pass filters on all output pins
— 20 mA sink/source current
JTAG/EOnCE debug programming interface for real-time debugging
— IEEE 1149.1 Joint Test Action Group (JTAG) interface
— EOnCE interface for real-time debugging
3.1.6
Power Saving Features
Three low power modes
— Low-speed run, wait, and stop modes: 200 kHz IP bus clock provided by ROSC
— Low-power run, wait, and stop modes: clock provided by external 32–38.4 kHz crystal
— Partial power down mode
Low power external oscillator can be used in any low-power mode to provide accurate clock to active peripherals
Low power real time counter for use in run, wait, and stop modes with internal and external clock sources
32
μs typical wakeup time from partial power down modes
Each peripheral can be individually disabled to save power
3.2
Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use component-based
software application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation, compiling, and debugging.
A complete set of evaluation modules (EVMs), demonstration board kit, and development system cards support concurrent
engineering. Together, PE, CodeWarrior, and EVMs create a complete, scalable tools solution for easy, fast, and efficient
development.
A full set of programmable peripherals — PWM, PGAs, ADCs, SCI, SPI, I2C, PIT, timers, and analog comparators — supports
various applications. Each peripheral can be independently shut down to save power. Any pin in these peripherals can also be
used as general-purpose input/outputs (GPIOs).


Similar Part No. - MC56F8002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8002 FREESCALE-MC56F8002 Datasheet
1Mb / 106P
   Digital Signal Controller
More results

Similar Description - MC56F8002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
   Digital Signal Controller Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com