Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BS373CAD Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC44BS373CAD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Digital Home
4
Freescale Semiconductor
MC44CC373
MODES OF OPERATION AND FUNCTIONAL DESCRIPTION
POWER ON SETTINGS
At power-on, the modulators are configured with pre-programmed default settings as listed in Table 2.
POWER ON RESET
A power-on reset circuit holds the digital portion in reset
until the power supply has stabilized. Additionally a delay of
approximately 2 seconds allows the crystal oscillator to stabi-
lize before the digital section begins normal operation.
TRANSIENT OUTPUT INHIBIT
To minimize the risk of interference to other channels while
the UHF PLL is acquiring a lock on the desired frequency, the
Sound and Video modulators are turned OFF during a time
out period in two cases: Power On and UHF oscillator power
On (OSC bit switched from OFF to normal operation). There
is a time out of 262 ms until the output is enabled. This lets
the UHF PLL settle to its programmed frequency.
STANDBY MODES
During standby mode, the modulator is switched to low
power consumption. The sound oscillator, UHF oscillator, and
the video and sound modulator section’s bias are internally
turned OFF. The I2C bus section remains active.
The standby mode is set with a combination of 3 bits:
OSC=1, SO=1 and ATT=1 for MC44CC373/374CAxxx
OSC=0, SO=1 and ATT=1 for MC44CC374T1Axx
Programming of the Frequency Registers or the Optional
Control Registers is not allowed in Standby Mode.
SYSTEM L OR B/G SELECTION
The SYSL enable control bit internally switches the follow-
ing functions:
SYSL = 0 enables B/G system
— Video modulation polarity: Negative
— Sound modulation: FM
SYSL = 1 enables L system
— Video modulation polarity: Positive
— Sound modulation AM
CRYSTAL REFERENCE OSCILLATOR
The reference crystal frequency is 4.0 MHz, the same as
for the legacy modulators.
The reference crystal oscillator if followed by a fixed di-
vide-by-128, resulting in a reference frequency of 31.25 kHz
for the phase detector.
UHF PLL SECTION
The UHF VCO runs at twice the desired RF frequency and
is divided by 2 before it is sent to the divide-by-8 prescaler
and then the programmable divider.
The programmable divider division-ratio is controlled by
the state of control bits N0 to N11 and is the binary number
for the number of 250 kHz steps in the desired RFOUT fre-
quency. The divider-ratio N for a desired frequency F (in
MHz) is given by:
with:
NOTE:
Programming a division-ratio N = 0 is not allowed.
Programming of the N value must be performed while
the modulator is in normal mode, not standby mode.
Table 2. Power On Default Settings
Operating Mode
Default Values
Part Number
MC44CC373CA
MC44CC373CAS
MC44CC374CA
MC44CC374T1A
UHF oscillator frequency (MHz)
591.25
591.25
591.25
871.25
RFOUT power (dBμV)(1)
1. Refer to application note to obtain 82 dB
μV or other RF levels.
89
89
89
89
Sound frequency (MHz)
5.5
5.5
5.5
5.5
Sound reference frequency (kHz)
31.25
31.25
31.25
31.25
Logic Output Port (logic level)
Low
Low
Low
Low
Picture to sound ratio (dB)
12
12
12
12
Peak White Clip (state)
On
On
On
On
System Standards
B/G
B/G
B/G
B/G
N
2F
×
()
16
------------------ 128
4
----------
×
=
N
2048 N11 1024 N10
…… 4N2 2 N1 N0
+
×
+
×
++
×
+
×
=


Similar Part No. - MC44BS373CAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BS373CAD MOTOROLA-MC44BS373CAD Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS373CADR2 FREESCALE-MC44BS373CADR2 Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
More results

Similar Description - MC44BS373CAD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulators
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
   CMOS RF/Video Multiplexers
logo
Analog Devices
AD7724AST-REEL AD-AD7724AST-REEL Datasheet
272Kb / 16P
   Dual CMOS - Modulators
REV. B
AD7724 AD-AD7724 Datasheet
552Kb / 14P
   Dual CMOS Modulators
REV. A
logo
List of Unclassifed Man...
AWM620RX-INV ETC1-AWM620RX-INV Datasheet
341Kb / 4P
   2.4GHz Video/Audio RF Module
AWM680TX ETC2-AWM680TX Datasheet
210Kb / 6P
   5.8GHz Video/Audio RF Module
AWM630TX ETC2-AWM630TX Datasheet
257Kb / 10P
   2.4GHz Video/Audio RF Module
AWM680RX ETC2-AWM680RX Datasheet
76Kb / 6P
   5.8GHz Video/Audio RF Module
logo
Analog Devices
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
   Dual CMOS Modulators
REV. B
AD7724 AD-AD7724_17 Datasheet
320Kb / 17P
   Dual CMOS Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com