Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8013 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 126 page
background image
56F8013/56F8011 Data Sheet, Rev. 12
8
Freescale Semiconductor
Up to 26 General-Purpose I/O (GPIO) pins with 5V tolerance
Integrated Power-On Reset and Low-Voltage Interrupt Module
Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals
Clock Sources:
— On-chip relaxation oscillator
— External clock source
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
JTAG/EOnCE debug programming interface for real-time debugging
1.1.5
Energy Information
Fabricated in high-density CMOS with 5V tolerance
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
ADC smart power management
Each peripheral can be individually disabled to save power
1.2 56F8013/56F8011 Description
The 56F8013/56F8011 is a member of the 56800E core-based family of Digital Signal Controllers (DSCs).
It combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller
with a flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, the 56F8013/56F8011 is well-suited for many
applications. The 56F8013/56F8011 includes many peripherals that are especially useful for industrial
control, motion control, home appliances, general purpose inverters, smart sensors, fire and security
systems, switched mode power supply, power management, and medical monitoring applications.
The 56800E core is based on a dual Harvard-style architecture consisting of three execution units
operating in parallel, allowing as many as six operations per instruction cycle. The MCU-style
programming model and optimized instruction set allow straightforward generation of efficient, compact
DSP and control code. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The 56F8013/56F8011 supports program execution from internal memories. Two data operands can be
accessed from the on-chip data RAM per instruction cycle. The 56F8013/56F8011 also offers up to 26
General Purpose Input/Output (GPIO) lines, depending on peripheral configuration.
The 56F8013 Digital Signal Controller includes 16KB of Program Flash and 4KB of Unified
Data/Program RAM. The 56F8011 Digital Signal Controller includes 12KB of Program Flash and 2KB
of Unified Data/Program RAM. Program Flash memory can be independently bulk erased or erased in
pages. Program Flash page erase size is 512 Bytes (256 Words).
A full set of programmable peripherals—PWM, ADCs, SCI, SPI, I2C, Quad Timer—supports various
applications. Each peripheral can be independently shut down to save power. Any pin in these peripherals
can also be used as General Purpose Input/Outputs (GPIOs).


Similar Part No. - 56F8013

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8013 FREESCALE-56F8013 Datasheet
1Mb / 124P
   16-bit Digital Signal Controllers
56F8013 FREESCALE-56F8013 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8013 FREESCALE-56F8013_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8013

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com