Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8025 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  16-bit Digital Signal Controllers
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56F8025 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 161 page
background image
56F8035/56F8025 Data Sheet, Rev. 6
6
Freescale Semiconductor
Part 1 Overview
1.1 56F8035/56F8025 Features
1.1.1
Digital Signal Controller Core
Efficient 16-bit 56800E family Digital Signal Controller (DSC) engine with dual Harvard architecture
As many as 32 Million Instructions Per Second (MIPS) at 32MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Four 36-bit accumulators, including extension bits
32-bit arithmetic and logic multi-bit shifter
Parallel instruction set with unique DSP addressing modes
Hardware DO and REP loops
Three internal address buses
Four internal data buses
Instruction set supports both DSP and controller functions
Controller-style addressing modes and instructions for compact code
Efficient C compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent real-time
debugging
1.1.2
Difference Between Devices
Table 1-1 outlines the key differences between the 56F8033 and 56F8023 devices.
1.1.3
Memory
Dual Harvard architecture permits as many as three simultaneous accesses to program and data memory
Flash security and protection that prevent unauthorized users from gaining access to the internal Flash
•On-chip memory
— 64KB of Program Flash (56F80235 device)
32KB of Program Flash (56F8025 device)
— 8KB of Unified Data/Program RAM (56F8035 device)
4KB of Unified Data/Program RAM (56F8025 device)
EEPROM emulation capability using Flash
Table 1-1 Device Differences
On-Chip Memory
56F8035 56F8025
Program Flash (PFLASH)
64KB
32KB
Unified RAM (RAM)
8KB
4KB


Similar Part No. - 56F8025

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
   Digital Signal Controller Product Brief
56F8025 FREESCALE-56F8025 Datasheet
2Mb / 160P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8025 NXP-56F8025 Datasheet
2Mb / 161P
   16-bit Digital Signal Controllers
56F8025E NXP-56F8025E Datasheet
2Mb / 161P
   16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025_07 Datasheet
2Mb / 160P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8025

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com