Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3448-61 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3448-61
Description  3M??D Ribbon Wiremount Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3448-61 Datasheet(HTML) 3 Page - 3M Electronics

  3448-61 Datasheet HTML 1Page - 3M Electronics 3448-61 Datasheet HTML 2Page - 3M Electronics 3448-61 Datasheet HTML 3Page - 3M Electronics 3448-61 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Ribbon Wiremount Plug
Molded Shell
3000 Series
TS-0819-08
Sheet 3 of 3
Notes:
For rear mounting of connector with IEEE-488 Type 3M Jack Socket 3341-3, use .098
[ 2.49 mm ] R.
.075
± .015
[ 1.9 ]
.50
± .02
[ 12.7 ]
C Ref
Cantact
Quantity
3M Part
Number
Mounting
Method
Dimension "D"
14
3572
Front
1.315 [33.41]
36
3366
Front
1.740 [44.20]
50
3564
Front
2.250 [57.16]
14
3572
Rear
2.845 [72.26]
24
3548
Rear
1.160 [29.46]
36
3366
Rear
1.585 [53.21]
50
3564
Rear
2.690 [68.33]
3448-XX Strain Relief
Material: Stainless Steel
(Order Separately)


Similar Part No. - 3448-61

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3448-2050 3M-3448-2050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3448-20E 3M-3448-20E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3448-20I 3M-3448-20I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 3448-61

ManufacturerPart #DatasheetDescription
logo
3M Electronics
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
   3M??D Ribbon Wiremount Plug
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
358 3M-358 Datasheet
1Mb / 4P
   3M??Power Clamp Wiremount Plug
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
451-SERIES 3M-451-SERIES Datasheet
126Kb / 2P
   Ribbon Cable Wiremount Socket Assembly
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com