Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3448-63 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3448-63
Description  3M??D Ribbon Wiremount Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3448-63 Datasheet(HTML) 2 Page - 3M Electronics

  3448-63 Datasheet HTML 1Page - 3M Electronics 3448-63 Datasheet HTML 2Page - 3M Electronics 3448-63 Datasheet HTML 3Page - 3M Electronics 3448-63 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Ribbon Wiremount Plug
Molded Shell
3000 Series
Contact
Quantity
3M Part
Number
Dimension
A
B
C
14
3572
1.75 [ 44.5 ]
1.42 [ 36.0 ]
1.28 [ 32.5 ]
24
3548
2.17 [ 55.1 ]
1.84 [ 46.8 ]
1.70 [ 43.2 ]
36
3366
2.68 [ 68.1 ]
2.35 [ 59.7 ]
2.21 [ 56.1 ]
50
3564
3.27 [ 83.1 ]
2.95 [ 74.8 ]
2.81 [ 71.4 ]
Contact
Quantity
Series
Dimensions
A
B
C
14
3572
1.58 [ 40.1 ]
1.20 [ 30.5 ]
1.28 [ 32.5 ]
24
3548
2.01 [ 51.1 ]
1.63 [ 41.4 ]
1.70 [ 43.2 ]
36
3366
2.52 [ 64.0 ]
2.14 [ 54.4 ]
2.21 [ 56.1 ]
50
3564
3.11 [ 79.0 ]
2.73 [ 69.3 ]
2.81 [ 71.4 ]
.0
.0 0
.0 0 0
in c h
± .1
± .0 1 ± .0 0 5
[ ] D im ensio ns fo r R e fe re nce
On ly
T o le ra nce U n le ss N o te d
[m m ]
In c h
Ordering Information
TS-0819-08
Sheet 2 of 3
60 = 14 Position
61 = 24 Position
62 = 36 Position
63 = 50 Position
Strain Relief
(Order Separately)
3448-XX
Assembly tools: 3M™ Press, 3640 (or equivalent) ; 3M™ Locator Plate, 3443-58; 3M™ Platen, 3442-9
Connector
XXXX-100X
Series
See Table
0 = .158 [ 4.01 ] Dia Hole
1 = Bailmount
2 = #4-40 UNC Insert
1
Bailmount Body
Strain Relief
Flange
“U” Contact
.050 Ref
[ 1.27 ]
.32
[ 8.1 ]
.82
[ 20.8 ]
.60
[ 15.2 ]
Contact
Position
14, 24, 36, or
50
Contact
Position
8, 13, 19, or 26
.085 Ref
[ 2.16 ]
Contact Position
7, 12, 18, or 25
B
A
1
Standard Body
Strain Relief
Flange
.050 Ref
[ 1.27 ]
“U” Contact
.60
[ 15.2 ]
.32
[ 8.1 ]
.187
[ 4.75 ]
Contact Position
14, 24, 36, or 50
Contact Position
7, 12, 18, or 25
Contact Position
8, 13, 19, or 26
See Ordering Information
.82
[ 20.8 ]
.085
[ 2.16 ]
A
B
Non-Conductive Adhesive
Transfer with Liner
.050 Typ
[ 1.27 ]
.16
[ 4.1 ]
.46
[ 11.7 ]
Cover
3XXX
Optional 3475-X
Bail Mount Kit
(Order Separately)
See TS-0142
For recommended 3M™ Mating Connectors refer to TS-2203.


Similar Part No. - 3448-63

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3448-2050 3M-3448-2050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3448-20E 3M-3448-20E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3448-20I 3M-3448-20I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 3448-63

ManufacturerPart #DatasheetDescription
logo
3M Electronics
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
   3M??D Ribbon Wiremount Plug
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
358 3M-358 Datasheet
1Mb / 4P
   3M??Power Clamp Wiremount Plug
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
451-SERIES 3M-451-SERIES Datasheet
126Kb / 2P
   Ribbon Cable Wiremount Socket Assembly
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com