Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA-125-YA5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FCA-125-YA5
Description  25 AMPERES, SPDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-125-YA5 Datasheet(HTML) 1 Page - Tyco Electronics

  FCA-125-YA5 Datasheet HTML 1Page - Tyco Electronics FCA-125-YA5 Datasheet HTML 2Page - Tyco Electronics FCA-125-YA5 Datasheet HTML 3Page - Tyco Electronics FCA-125-YA5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
TYPE OF
LOAD
LIFE (MIN.)
CYCLES X 103
28 VDC
115VAC
400Hz
Resistive
Inductive
Inductive
Motor
Lamp
25
12
10
5
25
15
10
5
* 60 Hz LOADS RATED FOR 10,000 OPERATIONS
Ratings Are Continuous Duty
CONTACT RATING-AMPERES
The Series FCA-125 relay is a polarized single-side stable design, where the flux from a permanent
magnet provides the armature holding force in the deactivated state, and its flux path is switched
and combined with the coil flux in the operated state. This results in appreciably increased contact
pressure in both states over that of a spring return nonpolar design. We also manufacture other
versions of this relay:
FCA-325: 25 AMPERE 3PDT RELAY
FCAC-325: 25 AMPERE 3PST RELAY WITH 2 AMPERE, SPDT AUXILIARY CONTACTS
q HERMETICALLY SEALED
q ALL WELDED CONSTRUCTION
q BALANCED FORCE
q PERMANENT MAGNET DRIVE
q CONTACTS: SILVER CADMIUM
OXIDE WITH GOLD PLATING
q COILS FOR DC, 50 TO 400Hz AND 400Hz AC
q WEIGHT 1.6 OUNCES MAX. (45.4 GRAMS)
FCA-125
25 AMPERES, SPDT
SERIES
50
10
20
50
50
115VAC
60Hz *
10
10
8
OVERLOAD CURRENT 50 AMPS DC, 80AMPS 400Hz
RUPTURE CURRENT 60 AMPS DC, 100 AMPS 400Hz
CONTACT MAKE BOUNCE 1 MILLISECOND AT NOMINAL VOLTAGE
MAX. CONTACT DROP AT 25 AMPS: INITIAL 0.150 VOLTS.
END OF LIFE 0.175 VOLTS
Tyco Electronics Mid-Range Military/Aerospace Relays
* Meets new spec MIL-PRF-83536/36 and MIL-PRF-83536/37
QPL APPROVED
Qualified
to M
IL-R-6106/19*


Similar Part No. - FCA-125-YA5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-125-19 MACOM-FCA-125-19 Datasheet
44Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-125-24 MACOM-FCA-125-24 Datasheet
43Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-125-3 MACOM-FCA-125-3 Datasheet
53Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - FCA-125-YA5

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CP25TD1-24A POWEREX-CP25TD1-24A Datasheet
342Kb / 6P
   25 Amperes/1200 Volts
logo
Maxim Integrated Produc...
MAX4659 MAXIM-MAX4659 Datasheet
317Kb / 12P
   High-Current, 25?? SPDT, CMOS Analog Switches
Rev 0; 4/01
logo
Kersemi Electronic Co.,...
MBR2515L KERSEMI-MBR2515L Datasheet
755Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 25 AMPERES 15 VOLTS
logo
Motorola, Inc
MMDF2P02E MOTOROLA-MMDF2P02E Datasheet
274Kb / 10P
   DUAL TMOS MOSFET 2.5 AMPERES 25 VOLTS
MMDF2N02E MOTOROLA-MMDF2N02E Datasheet
276Kb / 10P
   DUAL TMOS MOSFET 3.6 AMPERES 25 VOLTS
logo
Powerex Power Semicondu...
KD721KA2 POWEREX-KD721KA2 Datasheet
188Kb / 4P
   Dual Darlington Transistor Module (25 Amperes/1000 Volts)
CP25TD1_24A POWEREX-CP25TD1_24A Datasheet
342Kb / 6P
   DIP-CIB 30Converter 30Inverter Brake 25 Amperes 1200Volts
PM25CL1A120 POWEREX-PM25CL1A120 Datasheet
693Kb / 5P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
logo
Motorola, Inc
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
logo
Rectron Semiconductor
RS2505M-C-LV RECTRON-RS2505M-C-LV Datasheet
348Kb / 5P
   VOLTAGE RANGE 6 00 Volts CURRENT 25 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com