Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPWR150 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CMPWR150
Description  500mA/3.3V SmartOR Power Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR150 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CMPWR150 Datasheet HTML 5Page - ON Semiconductor CMPWR150 Datasheet HTML 6Page - ON Semiconductor CMPWR150 Datasheet HTML 7Page - ON Semiconductor CMPWR150 Datasheet HTML 8Page - ON Semiconductor CMPWR150 Datasheet HTML 9Page - ON Semiconductor CMPWR150 Datasheet HTML 10Page - ON Semiconductor CMPWR150 Datasheet HTML 11Page - ON Semiconductor CMPWR150 Datasheet HTML 12Page - ON Semiconductor CMPWR150 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CMPWR150
Rev. 3 | Page 9 of 15 | www.onsemi.com
Figure 6. Transient Characteristics Test Set-up
V
CC Power-up (VAUX = 3.3V).
Figure 7 shows the output response as V
CC approaches the select threshold
during a power-up when V
AUX is present (3.3V). The output capacitor is already fully charged. When VCC
reaches the select threshold, the in-rush current is minimal and the V
CC disturbance is only 130mV. The built-in
hysteresis of 250mV ensures the regulator remains enabled throughout the transient.
V
OUT offset = 3.3V,
V
CC offset = 4.3V
PowerUpVaux33v.bmp
Figure 7. V
CC Power-up (VAUX = 3.3V)
V
CC Power-up (VAUX =3.0V).
Figure 8 shows the output response as V
CC approaches the select threshold during
power-up. The auxiliary voltage, V
AUX is set to a low level of 3.0V. When VCC reaches the select threshold, a
modest level of in-rush current is required to further charge the output capacitor resulting in V
CC disturbance of
200mV. The built-in hysteresis of 250mV ensures the regulator remains enabled throughout the transient.


Similar Part No. - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150SA CALMIRCO-CMPWR150SA Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150SAR CALMIRCO-CMPWR150SAR Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150SAT CALMIRCO-CMPWR150SAT Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR150TO CALMIRCO-CMPWR150TO Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
More results

Similar Description - CMPWR150

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR150 CALMIRCO-CMPWR150 Datasheet
486Kb / 8P
   500mA/3.3V SMARTOR Power Regulator
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
California Micro Device...
CM3103 CALMIRCO-CM3103 Datasheet
174Kb / 10P
   400mA SMARTOR REGULATOR Vaux SWITCH
CMPWR130 CALMIRCO-CMPWR130 Datasheet
94Kb / 6P
   300mA SMARTOR Regulator with V Drive
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
   500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
Maxim Integrated Produc...
MAX33054ESHLD MAXIM-MAX33054ESHLD Datasheet
892Kb / 9P
   3.3V, 500mA DC power supply
Rev 0; 7/18
MAX33040ESHLD MAXIM-MAX33040ESHLD Datasheet
862Kb / 8P
   3.3V, 500mA DC power supply
Rev 0; 11/20
MAX33053ESHLD MAXIM-MAX33053ESHLD Datasheet
978Kb / 9P
   3.3V, 500mA DC power supply
Rev 0; 7/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com