Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8151YDPS7G Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS8151YDPS7G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151YDPS7G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8151YDPS7G Datasheet HTML 6Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 7Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 8Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 9Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 10Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 11Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 12Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 13Page - ON Semiconductor CS8151YDPS7G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS8151
http://onsemi.com
10
PACKAGE THERMAL DATA
Parameter
D2PAK−7
SOIC−14
SOIC−16
Unit
RqJC
Typical
1.8
23**
18
°C/W
RqJA
Typical
10−50*
116
75
°C/W
*Depending on thermal properties of substrate. RqJA = RqJC + RqCA.
**Junction−Lead (#5)
Figure 11. Application Diagram
VIN
CDelay
VOUT
WDI
RESET
GND
CS8151
Microprocessor
Wake Up
CDelay
C1
C2
VCC
I/O
RESET
I/O
Battery
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 12. CS8151 Output Stability
with Output Capacitor Change
1000
100
10
1
0.1
0.01
0
10
2030
4050
100
IOUT OUTPUT CURRENT (mA)
CVOUT = 47 mF
60
70
80
90
Unstable Region
Stable Region
CVOUT = 1 mF
CVOUT = 10 mF
CVOUT = 47 mF
CVOUT = 1 mF
Unstable Region


Similar Part No. - CS8151YDPS7G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8151YDPS7 CHERRY-CS8151YDPS7 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
More results

Similar Description - CS8151YDPS7G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com