Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51312GDR16 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS51312GDR16
Description  Synchronous CPU Buck Controller for 12 V Only Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51312GDR16 Datasheet(HTML) 4 Page - ON Semiconductor

  CS51312GDR16 Datasheet HTML 1Page - ON Semiconductor CS51312GDR16 Datasheet HTML 2Page - ON Semiconductor CS51312GDR16 Datasheet HTML 3Page - ON Semiconductor CS51312GDR16 Datasheet HTML 4Page - ON Semiconductor CS51312GDR16 Datasheet HTML 5Page - ON Semiconductor CS51312GDR16 Datasheet HTML 6Page - ON Semiconductor CS51312GDR16 Datasheet HTML 7Page - ON Semiconductor CS51312GDR16 Datasheet HTML 8Page - ON Semiconductor CS51312GDR16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CS51312
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCC1 < 14 V; 9.0 V ≤ VCC2 ≤ 20 V;
2.0 V DAC Code (VID4 = VID3 = VID2 = VID1 = 0, VID0 = 1.0) CGATE(H) = CGATE(L) = 3.3 nF, COFF = 390 pF; unless otherwise specified.)
Characteristic
Test Conditions
Voltage Identification DAC
Measure VFB = VCOMP, VCC = 12 V. Note 2
755C 3 TJ 3 1255C
255C 3 TJ 3 755C
VID4
VID3
VID2
VID1
VID0
Min
Typ
Max
±Tol
Min
Typ
Max
±Tol
Unit
1
0
0
0
0
3.483
3.525
3.567
1.2%
3.455
3.525
3.596
2.0%
V
1
0
0
0
1
3.384
3.425
3.466
1.2%
3.357
3.425
3.494
2.0%
V
1
0
0
1
0
3.285
3.325
3.365
1.2%
3.259
3.325
3.392
2.0%
V
1
0
0
1
1
3.186
3.225
3.264
1.2%
3.161
3.225
3.290
2.0%
V
1
0
1
0
0
3.087
3.125
3.163
1.2%
3.063
3.125
3.188
2.0%
V
1
0
1
0
1
2.989
3.025
3.061
1.2%
2.965
3.025
3.086
2.0%
V
1
0
1
1
0
2.890
2.925
2.960
1.2%
2.875
2.925
2.975
1.7%
V
1
0
1
1
1
2.791
2.825
2.859
1.2%
2.777
2.825
2.873
1.7%
V
1
1
0
0
0
2.692
2.725
2.758
1.2%
2.679
2.725
2.771
1.7%
V
1
1
0
0
1
2.594
2.625
2.657
1.2%
2.580
2.625
2.670
1.7%
V
1
1
0
1
0
2.495
2.525
2.555
1.2%
2.482
2.525
2.568
1.7%
V
1
1
0
1
1
2.396
2.425
2.454
1.2%
2.389
2.425
2.461
1.5%
V
1
1
1
0
0
2.297
2.325
2.353
1.2%
2.290
2.325
2.360
1.5%
V
1
1
1
0
1
2.198
2.225
2.252
1.2%
2.192
2.225
2.258
1.5%
V
1
1
1
1
0
2.099
2.125
2.151
1.2%
2.093
2.125
2.157
1.5%
V
0
0
0
0
0
2.050
2.075
2.100
1.2%
2.044
2.075
2.106
1.5%
V
0
0
0
0
1
2.001
2.025
2.049
1.2%
1.995
2.025
2.055
1.5%
V
0
0
0
1
0
1.953
1.975
1.997
1.1%
1.945
1.975
2.005
1.5%
V
0
0
0
1
1
1.904
1.925
1.946
1.1%
1.896
1.925
1.954
1.5%
V
0
0
1
0
0
1.854
1.875
1.896
1.1%
1.847
1.875
1.903
1.5%
V
0
0
1
0
1
1.805
1.825
1.845
1.1%
1.798
1.825
1.852
1.5%
V
0
0
1
1
0
1.755
1.775
1.795
1.1%
1.748
1.775
1.802
1.5%
V
0
0
1
1
1
1.706
1.725
1.744
1.1%
1.699
1.725
1.751
1.5%
V
0
1
0
0
0
1.656
1.675
1.694
1.1%
1.650
1.675
1.700
1.5%
V
0
1
0
0
1
1.607
1.625
1.643
1.1%
1.601
1.625
1.649
1.5%
V
0
1
0
1
0
1.558
1.575
1.593
1.1%
1.551
1.575
1.599
1.5%
V
0
1
0
1
1
1.508
1.525
1.542
1.1%
1.502
1.525
1.548
1.5%
V
0
1
1
0
0
1.459
1.475
1.491
1.1%
1.453
1.475
1.497
1.5%
V
0
1
1
0
1
1.409
1.425
1.441
1.1%
1.404
1.425
1.446
1.5%
V
0
1
1
1
0
1.360
1.375
1.390
1.1%
1.354
1.375
1.396
1.5%
V
0
1
1
1
1
1.310
1.325
1.340
1.1%
1.305
1.325
1.345
1.5%
V
1
1
1
1
1
1.225
1.250
1.275
2.0%
1.225
1.250
1.275
2.0%
V
2. The IC power dissipation in a typical application with VCC = 12 V, switching frequency fSW = 250 kHz, 50 nc MOSFETs and RθJA = 115°C/W
yields an operating junction temperature rise of approximately 52°C, and a junction temperature of 77°C with an ambient temperature
of 25°C.


Similar Part No. - CS51312GDR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51312GDR16 CHERRY-CS51312GDR16 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
More results

Similar Description - CS51312GDR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
   Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
   Synchronous CPU Buck Controller for 12V and 5V Applications
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com