Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56800EFM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56800EFM
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800EFM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56800EFM Datasheet HTML 2Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 3Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 4Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 9Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
56F803 Technical Data, Rev. 16
6
Freescale Semiconductor
software routines that can be used to program the main Program and Data Flash memory areas. Both
Program and Data Flash memories can be independently bulkerased or erased in page sizes of 256 words.
The Boot Flash memory can also be either bulk- or page-erased.
A key application-specific feature of the 56F803 is the inclusion of a Pulse Width Modulator (PWM)
module. This module incorporates three complementary, individually programmable PWM signal outputs
(the module is also capable of supporting three independent PWM functions, for a total of six PWM
outputs) to enhance motor control functionality. Complementary operation permits programmable dead
time insertion, distortion correction via current sensing by software, and separate top and bottom output
polarity control. The up-counter value is programmable to support a continuously variable PWM
frequency. Edge- and center-aligned synchronous pulse width control (0% to 100% modulation) is
supported. The device is capable of controlling most motor types: ACIM (AC Induction Motors), both
BDC and BLDC (Brush and Brushless DC motors), SRM and VRM (Switched and Variable Reluctance
Motors), and stepper motors. The PWM incorporates fault protection and cycle-by-cycle current limiting
with sufficient output drive capability to directly drive standard opto-isolators. A “smoke-inhibit”,
write-once protection feature for key parameters and patented PWM waveform distortion correction
circuit are also provided. The PWM is double-buffered and includes interrupt controls to permit integral
reload rates to be programmable from 1 to 16. The PWM module provides a reference output to
synchronize the ADC.
The 56F803 incorporates a separate Quadrature Decoder capable of capturing all four transitions on the
two-phase inputs, permitting generation of a number proportional to actual position. Speed computation
capabilities accommodate both fast and slow moving shafts. The integrated watchdog timer in the
Quadrature Decoder can be programmed with a time-out value to alarm when no shaft motion is detected.
Each input is filtered to ensure only true transitions are recorded.
This controller also provides a full set of standard programmable peripherals that include a Serial
Communications Interface (SCI), one Serial Peripheral Interface (SPI), and four Quad Timers. Any of
these interfaces can be used as General Purpose Input/Outputs (GPIO) if that function is not required. A
Controller Area Network interface (CAN Version 2.0 A/B-compliant) and an internal interrupt controller
are also included on the 56F803.
1.3 State of the Art Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.


Similar Part No. - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
689Kb / 52P
   16-bit Digital Signal Controllers
More results

Similar Description - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com