Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2505P+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2505P+
Description  16Kb Add-Only Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2505P+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2505P+ Datasheet HTML 1Page - Maxim Integrated Products DS2505P+ Datasheet HTML 2Page - Maxim Integrated Products DS2505P+ Datasheet HTML 3Page - Maxim Integrated Products DS2505P+ Datasheet HTML 4Page - Maxim Integrated Products DS2505P+ Datasheet HTML 5Page - Maxim Integrated Products DS2505P+ Datasheet HTML 6Page - Maxim Integrated Products DS2505P+ Datasheet HTML 7Page - Maxim Integrated Products DS2505P+ Datasheet HTML 8Page - Maxim Integrated Products DS2505P+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 24
071107
FEATURES
 16384 bits Electrically Programmable Read
Only Memory (EPROM) communicates with
the economy of one signal plus ground
 Unique, factory-lasered and tested 64-bit
registration number (8-bit family code +
48-bit serial number + 8-bit CRC tester)
assures absolute traceability because no two
parts are alike
 Built-in
multidrop
controller
ensures
compatibility with other 1-Wire
 Net
products
 EPROM partitioned into sixty-four 256-bit
pages for randomly accessing packetized data
records
 Each memory page can be permanently write-
protected to prevent tampering
 Device is an “add only” memory where
additional data can be programmed into
EPROM without disturbing existing data
 Architecture allows software to patch data by
superseding an old page in favor of a newly
programmed page
 Reduces control, address, data, power, and
programming signals to a single data pin
 Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3 kbits per second
 8-bit
family
code
specifies
DS2505
communications requirements to reader
 Presence detector acknowledges when the
reader first applies voltage
 Low cost TO-92 or 6-pin TSOC surface
mount package
 Reads over a wide voltage range of 2.8V to
6.0V from -40°C to +85°C; programs at
11.5V to 12.0V from -40°C to +50°C
DS2505
PIN ASSIGNMENT
NOTE: The leads of TO-92 packages on tape-
and-reel are formed to approximately 100 mil
(2.54 mm) spacing. For details see the Package
Information section.
ORDERING INFORMATION
DS2505
TO-92 Package
DS2505/T&R
TO-92 Package, Tape & Reel
DS2505P
TSOC Package
DS2505P/T&R TSOC Package, Tape & Reel
DS2505+
TO-92 Package
DS2505+T&R
TO-92 Package, Tape & Reel
DS2505P+
TSOC Package
DS2505P+T&R TSOC Package, Tape & Reel
+ Denotes a lead(Pb)-free/RoHS-compliant
package.
Top View
3.7 X 4.0 X 1.5 mm
DATA
1
2
3
6
5
4
Side View
See Mech.
Drawing Section
TSOC PACKAGE
GND
NC
NC
NC
NC
16Kb Add-Only Memory
www.maxim-ic.com
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
TO-92
DALLAS
DS2505
1 2 3
Bottom View


Similar Part No. - DS2505P+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2505P DALLAS-DS2505P Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
DS2505P-UNW DALLAS-DS2505P-UNW Datasheet
46Kb / 3P
   UniqueWare Add-Only Memory
DS2505P-UNW-PPPP DALLAS-DS2505P-UNW-PPPP Datasheet
46Kb / 3P
   UniqueWare Add-Only Memory
DS2505PT DALLAS-DS2505PT Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
DS2505PTR DALLAS-DS2505PTR Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
More results

Similar Description - DS2505P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
   16Kb Add-Only iButton
Rev 8/09
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
   64Kb Add-Only Memory
062100
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
   1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2502-UN DALLAS-DS2502-UN Datasheet
46Kb / 3P
   UniqueWare Add-Only Memory
logo
Maxim Integrated Produc...
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
logo
Dallas Semiconductor
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
   1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
   64-kbit Add-Only Memory
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
   16-kbit Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com