Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6656BCS6-1.25 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6656BCS6-1.25
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BCS6-1.25 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6656BCS6-1.25 Datasheet HTML 3Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 4Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 5Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 6Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 7Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 8Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 9Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 10Page - Linear Technology LT6656BCS6-1.25 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT6656

6656fa
Output Impedance vs Frequency
FREQUENCY (Hz)
6656 G21
10k
1k
100
10
1
10
1k
10k
100
VIN = VOUT + 0.5V
CL = 1µF
IL = 0
1.25V OPTION
2.5V OPTION
5V OPTION
Typical perForMance characTerisTics
Reverse Output Current
Reverse Input Current
0
15
20
10
5
100
10
1
OUTPUT VOLTAGE (V)
6656 G12
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
ALL OPTIONS
VIN = GND
INPUT VOLTAGE (V)
6656 G11
1000
100
10
1
0
0 –2 –4 –6 –8
–20
–18
–16
–14
–12
–10
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
ALL OPTIONS
VOUT = GND
Output Noise Voltage Spectrum
vs Load Capacitance
FREQUENCY (Hz)
6656 G15
40
35
30
25
20
15
10
5
0
1
100
1k
10
2.5V OPTION
VIN = 3V
IL = 0
CL = 47µF
CL = 4.7µF
CL = 0.47µF
Output Noise 0.1Hz to 10Hz
Output Voltage Noise Spectrum
vs Load Current
TIME (1s/DIV)
6656 G13
ALL OPTIONS
VIN = VOUT + 0.5V
CL = 1µF
IL = 0
FREQUENCY (Hz)
6656 G14
16
14
12
10
8
6
4
2
0
10
1k
10k
100
2.5V OPTION
VIN = 3V
CL = 1µF
IL = 0
IL = 10µA
IL = 250µA
IL = 1mA
Ground Current vs Load Current
LOAD CURRENT (A)
6656 G07
1000
100
10
1
10µ
1m
10m
100µ
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
ALL OPTIONS
VIN = VOUT + 0.5V
CL = 1µF
Output Impedance vs Frequency
FREQUENCY (Hz)
6656 G22
10k
1k
100
10
1
10
1k
10k
100
2.5V OPTION
VIN = 3V
IL = 0, CL = 1µF
IL = 0, CL = 10µF
IL = 100µA, CL = 1µF
IL = 100µA, CL = 10µF
Output Voltage Noise Spectrum
FREQUENCY (Hz)
6656 G24
30
25
20
15
10
5
0
10
1k
10k
100
VIN = VOUT + 5V
CL = 1µF
IL = 0
1.25V OPTION
2.5V OPTION
5V OPTION


Similar Part No. - LT6656BCS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BCS6-2.5 LINER-LT6656BCS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5PBF LINER-LT6656BCS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5TRPBF LINER-LT6656BCS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BCS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com