Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPEMI306AG Datasheet(PDF) 11 Page - ON Semiconductor

Part # CSPEMI306AG
Description  6-Channel EMI Filter Array with ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CSPEMI306AG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CSPEMI306AG Datasheet HTML 5Page - ON Semiconductor CSPEMI306AG Datasheet HTML 6Page - ON Semiconductor CSPEMI306AG Datasheet HTML 7Page - ON Semiconductor CSPEMI306AG Datasheet HTML 8Page - ON Semiconductor CSPEMI306AG Datasheet HTML 9Page - ON Semiconductor CSPEMI306AG Datasheet HTML 10Page - ON Semiconductor CSPEMI306AG Datasheet HTML 11Page - ON Semiconductor CSPEMI306AG Datasheet HTML 12Page - ON Semiconductor CSPEMI306AG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CSPEMI306A
Rev. 2 | Page 11 of 13 | www.onsemi.com
Application Information
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50µm
Solder Ball Side Coplanarity
+20µm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 8. Recommended Non-Solder Mask Defined Pad Illustration
Figure 9. Lead-free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CSPEMI306AG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI306AG CALMIRCO-CSPEMI306AG Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results

Similar Description - CSPEMI306AG

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
   Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com