Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA-125-YY8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # FCA-125-YY8
Description  25 AMPERES, SPDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-125-YY8 Datasheet(HTML) 4 Page - Tyco Electronics

  FCA-125-YY8 Datasheet HTML 1Page - Tyco Electronics FCA-125-YY8 Datasheet HTML 2Page - Tyco Electronics FCA-125-YY8 Datasheet HTML 3Page - Tyco Electronics FCA-125-YY8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
HOW TO ORDER
(EXAMPLE)
RELAY TYPE
TERMINALS (Socket Pins, DC Coil)
ENCLOSURE (With Flanges)
COIL (28 VDC With Transient Suppression).
NOTE: Only DC coil models are QPL Approved
FCA-125-A Y 4
FCA-125
25 AMPERES, SPDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays


Similar Part No. - FCA-125-YY8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-125-19 MACOM-FCA-125-19 Datasheet
44Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-125-24 MACOM-FCA-125-24 Datasheet
43Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-125-3 MACOM-FCA-125-3 Datasheet
53Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - FCA-125-YY8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CP25TD1-24A POWEREX-CP25TD1-24A Datasheet
342Kb / 6P
   25 Amperes/1200 Volts
logo
Maxim Integrated Produc...
MAX4659 MAXIM-MAX4659 Datasheet
317Kb / 12P
   High-Current, 25?? SPDT, CMOS Analog Switches
Rev 0; 4/01
logo
Kersemi Electronic Co.,...
MBR2515L KERSEMI-MBR2515L Datasheet
755Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 25 AMPERES 15 VOLTS
logo
Motorola, Inc
MMDF2P02E MOTOROLA-MMDF2P02E Datasheet
274Kb / 10P
   DUAL TMOS MOSFET 2.5 AMPERES 25 VOLTS
MMDF2N02E MOTOROLA-MMDF2N02E Datasheet
276Kb / 10P
   DUAL TMOS MOSFET 3.6 AMPERES 25 VOLTS
logo
Powerex Power Semicondu...
KD721KA2 POWEREX-KD721KA2 Datasheet
188Kb / 4P
   Dual Darlington Transistor Module (25 Amperes/1000 Volts)
CP25TD1_24A POWEREX-CP25TD1_24A Datasheet
342Kb / 6P
   DIP-CIB 30Converter 30Inverter Brake 25 Amperes 1200Volts
PM25CL1A120 POWEREX-PM25CL1A120 Datasheet
693Kb / 5P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
logo
Motorola, Inc
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
logo
Rectron Semiconductor
RS2505M-C-LV RECTRON-RS2505M-C-LV Datasheet
348Kb / 5P
   VOLTAGE RANGE 6 00 Volts CURRENT 25 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com