Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6656BCS6-4.096 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6656BCS6-4.096
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BCS6-4.096 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6656BCS6-4.096 Datasheet HTML 7Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 8Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 9Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 10Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 11Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 12Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 13Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 14Page - Linear Technology LT6656BCS6-4.096 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT6656

6656fa
IL = 0
VOUT
10mV/DIV
IL = 5µA
3.25V
VIN
2.75V
5ms/DIV
6656 F07
Figure 7. Detailed Output Response to a 0.5V Input Step,
CIN = CL = 1µF
applicaTions inForMaTion
The photo in Figure 7 shows the output response to a 0.5V
input step in both a no-load and 5µA load condition. In
the no-load condition only the bias current of the internal
bandgap reference (about 400nA) is available to discharge
the output capacitor.
Output Noise
Low frequency noise is proportional to the output voltage
and is insensitive to output current and moderate levels
of output capacitance.
Wideband noise increases less with higher output voltage
and is proportional to the bandwidth of the output stage,
increasing with higher load current and lower output
capacitance.
Peaking in the noise response is another factor contribut-
ing to the output noise level for a given frequency range.
Noise peaking can be reduced by increasing the size of the
outputcapacitorwhendrivingheavierloads,orconversely,
reducing the size of the output capacitor when driving
lighterloads.NoiseplotsintheTypicalPerformanceCurves
section show noise spectrum with various load currents
and output capacitances.
Internal Protection
The LT6656 incorporates several internal protection
features that make it ideal for use in battery powered
systems. Reverse input protection limits the input cur-
rent to typically less than 40µA when either the LT6656
or the battery is installed backwards. In systems where
the output can be held up by a backup battery with the
input pulled to ground, the reverse output protection of
the LT6656 limits the output current to typically less than
30µA. The current versus reverse voltage is shown in the
Typical Performance Characteristics section.
Long-Term Drift
Long-term drift cannot be extrapolated from accelerated
high temperature testing. This erroneous technique gives
drift numbers that are wildly optimistic. A more realistic
way to determine long-term drift is to measure it over the
time interval of interest. The LT6656 drift data was taken
over 100 parts that were soldered onto PC boards in a
typical application configuration. The boards were then
placed into a constant temperature oven with TA = 30°C,
their outputs scanned regularly and measured with an
8.5 digit DVM. The parts chosen in the Long Term Drift
curves in the Typical Performance Characteristics section
represent high, low and typical units.
Hysteresis
Hysteresis on the LT6656 is measured in two steps, for
example, from 25°C to –40°C to 25°C, then from 25°C to
85°C to 25°C, for the industrial temperature range. This
two-step cycle is repeated several times and the maximum
hysteresis from all the partial cycles is noted. Unlike other
commonly used methods for specifying hysteresis, this
ensures the worst-case hysteresis is included, whether it
occurs in the first temperature excursion or the last.
Results over both commercial and industrial temperature
rangesareshowninFigure8andFigure9.Thepartscycled
overthehighertemperaturerangehaveahigherhysteresis
than those cycled over the lower range.
Power Dissipation
The LT6656 will not exceed the maximum junction tem-
perature when operating within its specified temperature
range of –40°C to 85°C, maximum input voltage of 18V
and specified load current of 5mA.
IR Reflow Shift
The different expansion and contraction rates of the mate-
rials that make up the LT6656 package may induce small
stresses on the die that can cause the output to shift during


Similar Part No. - LT6656BCS6-4.096

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BCS6-2.5 LINER-LT6656BCS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5PBF LINER-LT6656BCS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BCS6-2.5TRPBF LINER-LT6656BCS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BCS6-4.096

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com