Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPEMI400G Datasheet(PDF) 9 Page - ON Semiconductor

Part # CSPEMI400G
Description  SIM Card EMI Filter Array with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CSPEMI400G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CSPEMI400G Datasheet HTML 3Page - ON Semiconductor CSPEMI400G Datasheet HTML 4Page - ON Semiconductor CSPEMI400G Datasheet HTML 5Page - ON Semiconductor CSPEMI400G Datasheet HTML 6Page - ON Semiconductor CSPEMI400G Datasheet HTML 7Page - ON Semiconductor CSPEMI400G Datasheet HTML 8Page - ON Semiconductor CSPEMI400G Datasheet HTML 9Page - ON Semiconductor CSPEMI400G Datasheet HTML 10Page - ON Semiconductor CSPEMI400G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CSPEMI400
Rev. 2 | Page 9 of 11 | www.onsemi.com
Application Information
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50µm
Solder Ball Side Coplanarity
+20µm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 8. Recommended Non-Solder Mask Defined Pad Illustration
Figure 9. Lead-free (SnAgCu) Solder Ball Reflow Profile


Similar Part No. - CSPEMI400G

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400G CALMIRCO-CSPEMI400G Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results

Similar Description - CSPEMI400G

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
Nexperia B.V. All right...
IP4264CZ8-10-TTL NEXPERIA-IP4264CZ8-10-TTL Datasheet
457Kb / 16P
   Integrated (U)SIM card passive filter array with ESD protection
logo
California Micro Device...
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com