Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA-210-FZ5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # FCA-210-FZ5
Description  10 AMPERES, DPDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-210-FZ5 Datasheet(HTML) 2 Page - Tyco Electronics

  FCA-210-FZ5 Datasheet HTML 1Page - Tyco Electronics FCA-210-FZ5 Datasheet HTML 2Page - Tyco Electronics FCA-210-FZ5 Datasheet HTML 3Page - Tyco Electronics FCA-210-FZ5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9
COIL DATA
* Max. contact opening under vibration or shock 10 microseconds
NOMINAL
VOLTAGES
FREQ.
Hz
DC RES.
AC AMPS (B)
PICKUP OR
BELOW VOLTS
OVER TEMPERATURE RANGE
1
2
3
4 (A)
5
6
7
8
9
COIL
CODE
MUST HOLD
VOLTAGE (C)
DROPOUT OR
ABOVE VOLTS
6
12
28
28
48
28
28
115
115
DC
DC
DC
DC
DC
400Hz
50/400Hz
400 Hz
50/400Hz
20
80
320
320
920
180 mA
100 mA
40 mA
30 mA
4.5
9.0
18.0
18.0
32.0
22.0
22.0
90.0
95.0
2.5
4.5
7.0
7.0
14.0
10.0
10.0
40.0
40.0
0.3
0.75
1.5
1.5
2.5
1.25
1.25
5.0
5.0
A. CODE 4 COILS HAVE BACK EMF SUPPRESSION
TO 42 VOLTS MAX.
B. DC COIL RESISTANCE
± 10% AT 25˚C;
AC COIL MAX. CURRENT AT NOMINAL VOLTAGE.
C. RELAY WILL STAY IN PICKED-UP STATE DOWN TO
MUST HOLD VOLTAGES SHOWN.
D. MAX. OVERVOLTAGE: 6 & 12 VDC COILS 120% OF
NOMINAL; ALL OTHERS 110% OF NOMINAL.
E. COILS AVAILABLE FOR OTHER VOLTAGES AND
FOR AC 50/60HZ.
NOTE: Only DC Coil Models are QPL Approved.
-70˚C TO + 125˚C
300,000 FEET
200 g FOR 6 mS
100 g FOR 6 mS
30 g 33-3000Hz
20 g 33-3000Hz
0.4 g2/Hz 50-2000Hz
0.2 g2/Hz 50-2000Hz
1250 V rms
1000 V rms
350 V rms
100 M
MINIMUM
50 M
MINIMUM
10 ms OR LESS
15 ms OR LESS
10 ms OR LESS
50 ms OR LESS
Z, Y, & X ENCLOSURES
W & M ENCLOSURES (STUD MTG.)
Z, Y, & X ENCLOSURES
W & M ENCLOSURES (STUD MTG.)
Z, Y, & X ENCLOSURES
W & M ENCLOSURES (STUD MTG.)
ALL CIRCUITS TO GROUND AND
CIRCUIT TO CIRCUIT.
COIL TO GROUND
INITIAL (500 VDC)
AFTER LIFE OR ENVIRONMENTAL TESTS
DC RELAYS
AC RELAYS
DC RELAYS
AC RELAYS
GENERAL SPECIFICATIONS
TEMPERATURE RATING:
ALTITUDE:
SHOCK:*
VIBRATION, SINUSOIDAL:*
VIBRATION, RANDOM: *
DIELECTRIC STRENGTH
AT SEA LEVEL:
DIELECTRIC STRENGTH
AT 80,000 FEET:
INSULATION RESISTANCE:
OPERATE TIME AT NOMINAL VOLTAGE:
RELEASE TIME AT NOMINAL VOLTAGE:
FCA-210
10 AMPERES, DPDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays


Similar Part No. - FCA-210-FZ5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-210-0917M MACOM-FCA-210-0917M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
List of Unclassifed Man...
FCA-210-0923M ETC2-FCA-210-0923M Datasheet
44Kb / 1P
   ENGINEERING DATA SHEET
logo
Tyco Electronics
FCA-210-0926M MACOM-FCA-210-0926M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1022M MACOM-FCA-210-1022M Datasheet
48Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1024M MACOM-FCA-210-1024M Datasheet
50Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - FCA-210-FZ5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
Custom MMIC Design Serv...
CMD272P3 MMIC-CMD272P3 Datasheet
251Kb / 8P
   DC-10 GHz DPDT Transfer Switch
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
219SERIES ETC1-219SERIES Datasheet
2Mb / 4P
   DPDT, up to 6PST, 10 Amps
2012
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com