Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6128-04 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FS6128-04
Description  PLL Clock Generator IC with VXCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6128-04 Datasheet(HTML) 3 Page - ON Semiconductor

  FS6128-04 Datasheet HTML 1Page - ON Semiconductor FS6128-04 Datasheet HTML 2Page - ON Semiconductor FS6128-04 Datasheet HTML 3Page - ON Semiconductor FS6128-04 Datasheet HTML 4Page - ON Semiconductor FS6128-04 Datasheet HTML 5Page - ON Semiconductor FS6128-04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FS6128-04
A simple formula to obtain the “pulling” capability of a crystal oscillator is:
where:
C0 = the shunt (or holder) capacitance of the crystal
C1 = the motional capacitance of the crystal
CL1 and CL2 = the two extremes (minimum and maximum) of the applied load capacitance presented by the FS6128.
EXAMPLE: A crystal with the following parameters is used: C1 = 0.025pF and C0 = 6pF. Using the minimum and maximum
CL1 = 10pF, and CL2 = 20pF, the tuning range (peak-to-peak) is:
3.2 Phase-Locked Loop (PLL)
The on-chip PLL is a standard frequency- and phase locked loop architecture. The PLL multiplies the reference oscillator frequency to
the desired output frequency by a ratio of integers. The frequency multiplication is exact with a zero synthesis error (unless otherwise
specified).
4.0 Electrical Specifications
Table 3: Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply voltage (Vss = ground)
VDD
VSS – 0.5
7
V
Input voltage, DC
VI
VSS – 0.5
VDD + 0.5
V
Output voltage, DC
VO
VSS – 0.5
VDD + 0.5
V
Input clamp current, DC (VI < 0 or VI > VDD)
IIK
-50
50
mA
Output clamp current, DC (VI < 0 or VI > VDD)
IOK
-50
50
mA
Storage temperature range (non-condensing)
TS
-65
150
°C
Ambient temperature range, under bias
TA
-55
125
°C
Junction temperature
TJ
125
°C
Re-flow solder profile
Per IPC/JEDEC J-STD-020B
Input static discharge voltage protection (MLD-STD 883E, Method 3015.7)
2
kv
Note: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress
rating only and functional operation of the device at these or any other conditions above the operational limits noted in this specification is not implied.
Exposure to maximum rating conditions for extended conditions may affect device performance, functionality and reliability.
CAUTION: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a high energy
electrostatic discharge.
Table 4: Operating Conditions
Parameter
Symbol
Conditions/Descriptions
Min.
Typ.
Max.
Units
Supply voltage
VDD
3.3V ± 10%
3.0
3.3
3.6
V
Ambient operating temperature range
TA
0
70
°C
Crystal resonator frequency
fXTAL
Functional mode
12
13.5
18
MHz
Rev. 2 | Page 3 of 6 | www.onsemi.com


Similar Part No. - FS6128-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
More results

Similar Description - FS6128-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
   DUAL PLL CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
   DUAL PLL CLOCK GENERATOR IC
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
   THREE PLL CLOCK GENERATOR IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com