Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6370-01G-XTD Datasheet(PDF) 8 Page - ON Semiconductor

Part # FS6370-01G-XTD
Description  EEPROM Programmable 3-PLL Clock Generator IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370-01G-XTD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FS6370-01G-XTD Datasheet HTML 4Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 5Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 6Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 7Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 8Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 9Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 10Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 11Page - ON Semiconductor FS6370-01G-XTD Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FS6370
Figure 5: FS6370 to FS6377
7.2 Non-Programming Migration Path
If the design has solidified on a particular EEPROM programming pattern, the EEPROM pattern can be hard-coded into a ROM-based
device. For high-volume requirements, a ROM-based device offers significant cost savings over the FS6370. Contact an ON
Semiconductor sales representative for more detail.
8.0 I2C-bus Control Interface
This device is a read/write slave device meeting all Philips I2C-bus specifications except a "general call." The bus has to
be controlled by a master device that generates the serial clock SCL, controls bus access and generates the START and
STOP conditions while the device works as a slave. Both master and slave can operate as a transmitter or receiver, but
the master device determines which mode is activated. A device that sends data onto the bus is defined as the
transmitter, and a device receiving data as the receiver.
I2C-bus logic levels noted herein are based on a percentage of the power supply (VDD). A logic-one corresponds to a nominal voltage of
VDD, while a logic-low corresponds to ground (VSS).
8.1 Bus Conditions
Data transfer on the bus can only be initiated when the bus is not busy. During the data transfer, the data line (SDA) must remain stable
whenever the clock line (SCL) is high. Changes in the data line while the clock line is high will be interpreted by the device as a START
or STOP condition. The following bus conditions are defined by the I2C-bus protocol.
8.1.1. Not Busy
Both the data (SDA) and clock (SCL) lines remain high to indicate the bus is not busy.
8.1.2. START Data Transfer
A high to low transition of the SDA line while the SCL input is high indicates a START condition. All commands to the device must be
preceded by a START condition.
Rev. 3 | Page 8 of 28 | www.onsemi.com


Similar Part No. - FS6370-01G-XTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
More results

Similar Description - FS6370-01G-XTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com