Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZIC2410-EDK-1 Datasheet(PDF) 6 Page - California Eastern Labs

Part # ZIC2410-EDK-1
Description  Single-chip 2.4GHz RF Transceiver
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZIC2410-EDK-1 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button ZIC2410-EDK-1 Datasheet HTML 2Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 3Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 4Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 5Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 6Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 7Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 8Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 9Page - California Eastern Labs ZIC2410-EDK-1 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
ZIC2410 Datasheet
1.1 FUNCTIONAL OVERVIEW 
In the receive mode, the received RF signal is amplified by the Low Noise Amplifier (LNA),
down-converted to a quadrature signal and then to baseband. The baseband signal is filtered,
amplified, converted to a digital signal by the ADC and transferred to a modem. The data,
which is the result of signal processing such as dispreading, is transferred to the MAC block.
In transmit mode, the buffered data at the MAC is transferred to a baseband modem which,
after signal processing such as spreading and pulse shaping, outputs a signal through the DAC.
The Analog baseband signal is filtered by the low-pass filter, converted to RF signal by the up-
conversion mixer, is amplified by PA, and finally applied to the antenna.
The MAC block provides IEEE802.15.4 compliant hardware and it is located between
microprocessor and a baseband modem. MAC block includes FIFOs for transmitting/receiving
packet, AES engine for security operation, CRC and related control circuit. In addition, it
supports automatic CRC check and address decoding.
ZIC2410 integrates a high performance embedded microcontroller, compatible to an Intel i8051
microcontroller in an instruction level. This embedded microcontroller has 8-bit operation
architecture sufficient for controller applications. The embedded microcontroller has 4-stage
pipeline architecture to improve the performance over previous compatible chips making it
capable of executing simple instructions during a single cycle.
The memory organization of the embedded microcontroller consists of program memory and
data memory. The data memory has 2 memory areas. For more detailed explanation, refer to
the data memory section (1.2.2.)
The ZIC2410 includes 22 GPIO for the QN48 packaged device and 24 GPIO for the FG72
packaged part and various peripheral circuits to aid in the development of an application circuit
with an interrupt handler to control the peripherals. ZIC2410 uses 16MHz crystal oscillator for
RF PLL and 8MHz clock generated from 16MHz in clock generator is used for microcontroller,
MAC, and the clock of a baseband modem.
The ZIC2410 supports a voice function as follows. The data generated by an external ADC is
input to the voice block via I2S interface. After the data is received via I2S it is compressed by
the voice codec, and stored in Voice TXFIFO. The data in Voice TXFIFO is transferred to the
MAC TXFIFO and then transmitted via PHY. In contrast, the received data in MAC RXFIFO is
transferred to voice RXFIFO via DMA operation. The data in voice RXFIFO is decompressed
by the internal voice codec. The decompressed data is then transferred to the external DAC via
I2S interface.
Rev A
Document No. 0005-05-07-00-000
Page 6 of 119


Similar Part No. - ZIC2410-EDK-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM-EM35X-DEV-KIT-2 CEL-ZICM-EM35X-DEV-KIT-2 Datasheet
805Kb / 18P
   Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
ZICM2410P0-1 CEL-ZICM2410P0-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-1-SN CEL-ZICM2410P0-1-SN Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-1C CEL-ZICM2410P0-1C Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZICM2410P0-1C-SN CEL-ZICM2410P0-1C-SN Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
More results

Similar Description - ZIC2410-EDK-1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Nordic Semiconductor
NRF24L01 NORDIC-NRF24L01 Datasheet
975Kb / 74P
   nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
logo
List of Unclassifed Man...
WE2408 ETC2-WE2408 Datasheet
627Kb / 36P
   2.4GHz Single Chip FM Transceiver
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com