Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2595TADJG Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM2595TADJG
Description  1.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595TADJG Datasheet(HTML) 5 Page - ON Semiconductor

  LM2595TADJG Datasheet HTML 1Page - ON Semiconductor LM2595TADJG Datasheet HTML 2Page - ON Semiconductor LM2595TADJG Datasheet HTML 3Page - ON Semiconductor LM2595TADJG Datasheet HTML 4Page - ON Semiconductor LM2595TADJG Datasheet HTML 5Page - ON Semiconductor LM2595TADJG Datasheet HTML 6Page - ON Semiconductor LM2595TADJG Datasheet HTML 7Page - ON Semiconductor LM2595TADJG Datasheet HTML 8Page - ON Semiconductor LM2595TADJG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM2595
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 16)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Normalized Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Line Regulation
Figure 5. Dropout Voltage
Figure 6. Current Limit
Figure 7. Quiescent Current
Figure 8. Standby Quiescent Current
L = 68 mH
R_ind = 30 mW
ILoad = 200 mA
ILoad = 1 A
1.0
0.6
0.2
0
-0.2
-0.4
-1.0
125
100
75
50
25
0
−25
−50
-0.8
-0.6
0.4
0.8
Vin = 20 V
ILoad = 200 mA
Normalized at TJ = 25°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
Vin, INPUT VOLTAGE (V)
0
5.0
10
15
20
25
30
35
40
Vout = 5 V
ILoad = 200 mA
TJ = 25°C
−50
−25
0
25
60
75
100
125
1.5
1.0
0.5
0
ILoad = 200 mA
ILoad = 1.0 A
Vout = 5 V
Measured at GND Pin
TJ = 25°C
0
5
10
15
20
25
30
35
40
12
11
10
9
8
7
6
5
4
−50
−25
0
25
60
75
100
125
160
140
120
100
80
60
40
20
0
Vin = 40 V
Vin = 12 V
VON/OFF = 5.0 V
−0.5
0.0
1.0
2.0
3.0
−50 −30 −10
10
30
50
70
90
110 130
Vin = 12 V


Similar Part No. - LM2595TADJG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2595T-12 NSC-LM2595T-12 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595T-12 TI1-LM2595T-12 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595T-12 UMW-LM2595T-12 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
logo
Texas Instruments
LM2595T-12/NOPB TI1-LM2595T-12/NOPB Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595T-12/NOPB TI1-LM2595T-12/NOPB Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results

Similar Description - LM2595TADJG

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com