Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LMV822
Description  Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV822 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LMV822 Datasheet HTML 6Page - ON Semiconductor LMV822 Datasheet HTML 7Page - ON Semiconductor LMV822 Datasheet HTML 8Page - ON Semiconductor LMV822 Datasheet HTML 9Page - ON Semiconductor LMV822 Datasheet HTML 10Page - ON Semiconductor LMV822 Datasheet HTML 11Page - ON Semiconductor LMV822 Datasheet HTML 12Page - ON Semiconductor LMV822 Datasheet HTML 13Page - ON Semiconductor LMV822 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LMV821, LMV822, LMV824
http://onsemi.com
10
APPLICATIONS INFORMATION
+
R1
R2
VO
Vref
Vin
VOH
VO
VOL
Hysteresis
VinL
VinH
Vref
MC1403
LMV821
+
R1
VCC
VCC
VO
2.5 V
R2
50 k
10 k
Vref
5.0 k
R
C
R
C
+
VO
For: fo = 1.0 kHz
R = 16 kW
C = 0.01 mF
VCC
LMV821
LMV821
Figure 14. Voltage Reference
Figure 15. Wien Bridge Oscillator
Figure 16. Comparator with Hysteresis
VO + 2.5 V(1 )
R1
R2
)
Vref +
1
2
VCC
fO +
1
2pRC
VinL +
R1
R1 ) R2
(VOL * Vref) ) Vref
VinH +
R1
R1 ) R2
(VOH * Vref) ) Vref
H +
R1
R1 ) R2
(VOH * VOL)
For less than 10% error from operational amplifier,
((QO fO)/BW) < 0.1 where fo and BW are expressed in Hz.
If source impedance varies, filter may be preceded with
voltage follower buffer to stabilize filter parameters.
Given: fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Vin
Figure 17. Multiple Feedback Bandpass Filter
+
VCC
R3
R1
R2
Vref
C
C
VO
CO = 10 C
CO
LMV821
Then :
R3 +
Q
pfO C
R1 +
R3
2A(fO)
R2 +
R1 R3
4Q2 R1 * R3


Similar Part No. - LMV822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV822 NSC-LMV822 Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV822 TI-LMV822 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV822 STMICROELECTRONICS-LMV822 Datasheet
663Kb / 32P
   Tiny packages
April 2017 Rev 4
logo
Texas Instruments
LMV822-N TI1-LMV822-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV822-N TI-LMV822-N Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Similar Description - LMV822

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
LMV821 ONSEMI-LMV821_15 Datasheet
462Kb / 13P
   Single and Quad Low Voltage, Rail-to-Rail Operational Amplifiers
May, 2015 ??Rev. 3
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com