Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20020008H221B01LF Datasheet(PDF) 5 Page - FCI connector

Part # 20020008H221B01LF
Description  TERMINAL BLOCK PLUGGABLE PLUG, HOOK ENTRY SIDE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

20020008H221B01LF Datasheet(HTML) 5 Page - FCI connector

  20020008H221B01LF Datasheet HTML 1Page - FCI connector 20020008H221B01LF Datasheet HTML 2Page - FCI connector 20020008H221B01LF Datasheet HTML 3Page - FCI connector 20020008H221B01LF Datasheet HTML 4Page - FCI connector 20020008H221B01LF Datasheet HTML 5Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PDM: Rev:D
Released
.
STATUS:
Printed: May 08, 2010


Similar Part No. - 20020008H221B01LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
20020004 FCI-CONNECTOR-20020004 Datasheet
214Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, SINGAL, W/O FLANGE
20020004-C021B01LF FCI-CONNECTOR-20020004-C021B01LF Datasheet
214Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, SINGAL, W/O FLANGE
20020004-C031B01LF FCI-CONNECTOR-20020004-C031B01LF Datasheet
214Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, SINGAL, W/O FLANGE
20020004-C041B01LF FCI-CONNECTOR-20020004-C041B01LF Datasheet
214Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, SINGAL, W/O FLANGE
20020004-C051B01LF FCI-CONNECTOR-20020004-C051B01LF Datasheet
214Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, SINGAL, W/O FLANGE
More results

Similar Description - 20020008H221B01LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
20020010-H031B01LF FCI-CONNECTOR-20020010-H031B01LF Datasheet
249Kb / 5P
   TERMINAL BLOCK PLUGGABLE PLUG, BACK SIDE HOOK
20020010-H031B01LF FCI-CONNECTOR-20020010-H031B01LF Datasheet
249Kb / 5P
   TERMINAL BLOCK PLUGGABLE PLUG BACK SIDE HOOK
20020516 FCI-CONNECTOR-20020516 Datasheet
198Kb / 2P
   TERMINAL BLOCK PLUGGABLE PLUG, CONTACT DOWN SIDE
20020006 FCI-CONNECTOR-20020006 Datasheet
277Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, CONTACT UP SIDE
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
   Pluggable Screw Terminal Block 180쨘 Wire Entry
logo
Tyco Electronics
1509437 MACOM-1509437 Datasheet
80Kb / 1P
   TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY
logo
FCI connector
20020004 FCI-CONNECTOR-20020004 Datasheet
214Kb / 3P
   TERMINAL BLOCK PLUGGABLE PLUG, SINGAL, W/O FLANGE
logo
Molex Electronics Ltd.
39371-0005 MOLEX11-39371-0005 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 5
39371-0007 MOLEX11-39371-0007 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 7
39371-0004 MOLEX11-39371-0004 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block, 180 Wire Entry, 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com