Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6502SCAADG6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6502SCAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502SCAADG6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6502SCAADG6F Datasheet HTML 1Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 2Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 3Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 4Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 5Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 6Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 7Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 8Page - STMicroelectronics STM6502SCAADG6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
June 2010
Doc ID 16101 Rev 5
1/29
1
STM6502, STM6503
STM6504, STM6505
Dual push-button Smart ResetTM with user-adjustable setup delays
Features
Dual Smart Reset push-button inputs with
extended reset setup delay
Adjustable Smart Reset setup delay (tSRC):
by external capacitor or three-state logic
(product options): tSRC = 2, 6, 10 s (min.)
Power-on reset
Single RST output, active-low, open-drain
Factory-programmable thresholds to monitor
VCC in the range of 1.575 to 4.625 V typ.
Operating voltage 1.0 V (active-low output
valid) to 5.5 V
Low supply current
Operating temperature:
industrial grade –40 °C to +85 °C
TDFN8 package: 2 mm x 2 mm x 0.75 mm
RoHS compliant
Applications
Mobile phones, smartphones
e-books
MP3 players
Games
Portable navigation devices
Any application that requires delayed reset
push-button(s) response for improved system
stability
TDFN8 (DG)
2 mm x 2 mm
Table 1.
Device summary
Part
number
Voltage inputs
Smart Reset inputs
tSRC
programming
Reset or Power
Good outputs
Package
VCC
VBAT
SR0
SR1
SRE
immediate,
independent
Ext.
SRC pin
Three-
state
input
TSR
RST
BLD
STM6502(1)
✓✓
TDFN-8L
STM6503
✓✓
TDFN-8L
STM6504(1)
✓✓
TDFN-8L
STM6505
✓✓
TDFN-8L
1.
Contact local ST sales office for availability.
www.st.com


Similar Part No. - STM6502SCAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Similar Description - STM6502SCAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com