Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6504SCAADG6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6504SCAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6504SCAADG6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6504SCAADG6F Datasheet HTML 7Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 8Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 9Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 10Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 11Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 12Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 13Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 14Page - STMicroelectronics STM6504SCAADG6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Description
Doc ID 16101 Rev 5
11/29
1.2.5
Edge-triggered Smart Reset input (SRE pin) – STM6504 only
The SRE pin is active-high, immediate and independent reset input that includes an edge
trigger with debounce delay tDEBOUNCE on the falling edge.
Note:
The triggering edge must be a high-to-low or low-to-high transition with a slew-rate faster
than 1 V/µs typ.
Figure 8.
STM6504 timing
1.2.6
Adjustable delay of Smart Reset input (SRC pin) – STM6502 and
STM6505 only
This pin controls the setup time before the push-button action is validated by the reset
output. It is connected to an external capacitor (CSRC), which is tied to ground to provide the
desired value of the setup time (tSRC).
Calculated tSRC and CSRC examples are given in Table 3. Refer also to Table 6.
AM00328V2
tREC
SR0
t < tSRC
=> no output response
tSRC
t < tDEBOUNCE
=> tREC timer reset
Independent
RST
SRE
No debounce
tREC
tDEBOUNCE
(rising edges within
tDEBOUNCE are ignored)
tREC
Table 3.
tSRC programmed by an ideal external capacitor – STM6502 and STM6505
Calculated CSRC
value [µF]
Setup delay tSRC [s]
(1)(2)
1.
At 25 °C. Example calculations based on an ideal capacitor. During application design and component
selection it should be considered that the current flowing into the external tSRC programming capacitor
(CSRC) is on the order of 100 nA, therefore a low-leakage capacitor (ceramic or film capacitor) should be
used and placed as close as possible to the SRC pin. Also an adequate low-leakage PCB environment
should be ensured to prevent tSRC accuracy from being affected. A recommended minimum value of CSRC
is 0.01 µF.
2.
In case of repeated activations of the tSRC timer, an interval of 10 ms min. is needed between the
activations to fully discharge CSRC, so that the next tSRC is as specified.
Closest common
CSRC value [µF]
Min.
Typ.
Max.
0.2
2
2.5
3.0
0.22
0.3
3
3.75
4.5
0.33
0.6
6
7.5
9
0.56
1
10
12.5
15
1


Similar Part No. - STM6504SCAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Similar Description - STM6504SCAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com