Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC16CNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC16CNG
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC16CNG Datasheet(HTML) 1 Page - ON Semiconductor

  MAC16CNG Datasheet HTML 1Page - ON Semiconductor MAC16CNG Datasheet HTML 2Page - ON Semiconductor MAC16CNG Datasheet HTML 3Page - ON Semiconductor MAC16CNG Datasheet HTML 4Page - ON Semiconductor MAC16CNG Datasheet HTML 5Page - ON Semiconductor MAC16CNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2002
June, 2002 – Rev. 2
1
Publication Order Number:
MAC16C/D
MAC16CM, MAC16CN
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full wave ac control applications, such as
motor controls, heating controls or dimmers; or wherever full–wave,
silicon gate–controlled devices are needed.
High Commutating di/dt and High Immunity to dV/dt @ 125°C
Minimizes Snubber Networks for Protection
Blocking Voltage to 800 Volts
On-State Current Rating of 16 Amperes RMS
High Surge Current Capability — 150 Amperes
Industry Standard TO-220AB Package for Ease of Design
Glass Passivated Junctions for Reliability and Uniformity
Operational in Three Quadrants, Q1, Q2, and Q3
Device Marking: Logo, Device Type, e.g., MAC16CM, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage (Note 1)
(TJ = –40 to 125°C)
MAC16CM
MAC16CN
VDRM,
VRRM
600
800
Volts
On-State RMS Current
(Full Cycle Sine Wave 50 to 60 Hz; TC =
80
°C)
IT(RMS)
16
A
Peak Non-Repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
ITSM
150
A
Circuit Fusing Consideration
(t = 8.33 ms)
I2t
93
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 ms, TC = 80°C)
PGM
20
Watts
Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.5
Watts
Operating Junction Temperature Range
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
16 AMPERES RMS
400 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC16CM
TO220AB
MAC16CN
TO220AB
TO–220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
50 Units/Rail
50 Units/Rail
MT1
G
MT2
http://onsemi.com


Similar Part No. - MAC16CNG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC16 MOTOROLA-MAC16 Datasheet
133Kb / 4P
   TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
   TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
MAC16D ONSEMI-MAC16D Datasheet
69Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC16DG ONSEMI-MAC16DG Datasheet
69Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC16HCD ONSEMI-MAC16HCD Datasheet
117Kb / 8P
   TRICAS Silicon Bidirectional Thyristors
February, 2000 ??Rev. 0
More results

Similar Description - MAC16CNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com