Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30L45CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR30L45CTG
Description  SWITCHMODE??Power Rectifier 45 V, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30L45CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MBR30L45CTG Datasheet HTML 1Page - ON Semiconductor MBR30L45CTG Datasheet HTML 2Page - ON Semiconductor MBR30L45CTG Datasheet HTML 3Page - ON Semiconductor MBR30L45CTG Datasheet HTML 4Page - ON Semiconductor MBR30L45CTG Datasheet HTML 5Page - ON Semiconductor MBR30L45CTG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR30L45CTG, MBRF30L45CTG
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(Rated VR) TC = 137°C
IF(AV)
15
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz)
IFRM
30
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
190
A
Operating Junction Temperature (Note 1)
TJ
−55 to +150
°C
Storage Temperature
Tstg
*55 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
ESD Ratings: Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
THERMAL CHARACTERISTICS
Maximum Thermal Resistance
(MBR30L45CTG)
Junction−to−Case
Junction−to−Ambient
(MBRF30L45CTG)
Junction−to−Case
RqJC
RqJA
RqJC
1.9
45
2.2
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 15 A, TC = 25°C)
(IF = 15 A, TC = 125°C)
(IF = 30 A, TC = 25°C)
(IF = 30 A, TC = 125°C)
vF
0.50
0.44
0.61
0.60
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.65
250
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤2.0%.


Similar Part No. - MBR30L45CTG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR30L45CTG KERSEMI-MBR30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
ON Semiconductor
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
More results

Similar Description - MBR30L45CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
   SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBR30H80CT ONSEMI-MBR30H80CT Datasheet
113Kb / 6P
   SWITCHMODE??Power Rectifier 80 V, 30 A
February, 2009 ??Rev. 2
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com