Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1635 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR1635
Description  SWITCHMODE Power Rectifiers16 A, 35 and 45 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1635 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR1635 Datasheet HTML 1Page - ON Semiconductor MBR1635 Datasheet HTML 2Page - ON Semiconductor MBR1635 Datasheet HTML 3Page - ON Semiconductor MBR1635 Datasheet HTML 4Page - ON Semiconductor MBR1635 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR1635, MBR1645, MBRB1645
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance,
Junction−to−Case
RqJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 16 Amps, TC = 125°C)
(iF = 16 Amps, TC = 25°C)
vF
0.57
0.63
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40
0.2
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR1635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1635 MOTOROLA-MBR1635 Datasheet
80Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Inchange Semiconductor ...
MBR1635 ISC-MBR1635 Datasheet
225Kb / 2P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
MBR1635 VISHAY-MBR1635 Datasheet
487Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
logo
Kersemi Electronic Co.,...
MBR1635 KERSEMI-MBR1635 Datasheet
839Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Fairchild Semiconductor
MBR1635 FAIRCHILD-MBR1635 Datasheet
36Kb / 3P
   16 Ampere Schottky Barrier Rectifiers
More results

Similar Description - MBR1635

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
   SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR40H100WT ONSEMI-MBR40H100WT_06 Datasheet
109Kb / 6P
   SWITCHMODE Power Rectifier100 V, 40 A
August, 2006 ??Rev. 1
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
   SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com